Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP7346D-1833FS6-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7346D-1833FS6-7
Description  DUAL HIGH ACCURACY CURRENT LIMIT LDO WITH ENABLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7346D-1833FS6-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7346D-1833FS6-7 Datasheet HTML 1Page - Diodes Incorporated AP7346D-1833FS6-7 Datasheet HTML 2Page - Diodes Incorporated AP7346D-1833FS6-7 Datasheet HTML 3Page - Diodes Incorporated AP7346D-1833FS6-7 Datasheet HTML 4Page - Diodes Incorporated AP7346D-1833FS6-7 Datasheet HTML 5Page - Diodes Incorporated AP7346D-1833FS6-7 Datasheet HTML 6Page - Diodes Incorporated AP7346D-1833FS6-7 Datasheet HTML 7Page - Diodes Incorporated AP7346D-1833FS6-7 Datasheet HTML 8Page - Diodes Incorporated AP7346D-1833FS6-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP7346
Document number: DS38082 Rev. 1 - 2
2 of 14
www.diodes.com
July 2015
© Diodes Incorporated
AP7346
Pin Descriptions
Pin Number
Pin Name
Function
1
VOUT1
Channel 1 output voltage pin
2
VOUT2
Channel 2 output voltage pin
3
GND
Ground
4
EN2
Chanel 2 enable pin. This pin should be driven either high or low and must not
be floating. Driving this pin high enables channel 2 output, while pulling it low
puts Chanel 2 regulator into shutdown mode.
5
VIN
Power input pin
6
EN1
Chanel 1 enable pin. This pin should be driven either high or low and must not
be floating. Driving this pin high enables channel 1 output, while pulling it low
puts Chanel 1 regulator into shutdown mode.
Thermal PAD
In PCB layout, prefer to use large copper area to cover this pad for better
thermal dissipation, then connect this area to GND or leave it open. However
do not use it as GND electrode function alone.
Functional Block Diagram
With Discharge
EN1
EN2
VIN


Similar Part No. - AP7346D-1833FS6-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-12FS4-7 DIODES-AP7340-12FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-15FS4-7 DIODES-AP7340-15FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-185FS4-7 DIODES-AP7340-185FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-18FS4-7 DIODES-AP7340-18FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results

Similar Description - AP7346D-1833FS6-7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38855 NSC-LP38855 Datasheet
359Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38856 TI1-LP38856_14 Datasheet
2Mb / 20P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
National Semiconductor ...
LP38856 NSC-LP38856 Datasheet
835Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38855 TI-LP38855_15 Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
logo
Advanced Power Electron...
APE8837 A-POWER-APE8837_16 Datasheet
666Kb / 10P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com