Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB914 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BB914
Description  Silicon Variable Capacitance Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BB914 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BB914 Datasheet HTML 1Page - Infineon Technologies AG BB914 Datasheet HTML 2Page - Infineon Technologies AG BB914 Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dec-04-2002
2
BB914...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 16 V
VR = 16 V, TA = 85 °C
IR
-
-
-
-
20
200
nA
AC Characteristics
Diode capacitance
VR = 2 V, f = 1 MHz
VR = 8 V, f = 1 MHz
CT
42.5
17.6
43.75
18.7
45
19.75
pF
Capacitance ratio
VR = 2 V, VR = 8 V, f = 1 MHz
CT2/CT8
2.28
2.34
2.42
Capacitance matching1)
VR = 2 V, VR = 8 V, f = 1 MHz
CT/CT
-
-
1.5
%
Series resistance
VR = 2 V, f = 100 MHz
rS
-
0.28
-

1For details please refer to Application Note 047.


Similar Part No. - BB914

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BB914 SIEMENS-BB914 Datasheet
32Kb / 3P
   Silicon Variable Capacitance Diode (For FM radio tuner with extended frequency band High tuning ratio low supply voltage car radio)
logo
Infineon Technologies A...
BB914 INFINEON-BB914 Datasheet
58Kb / 5P
   Silicon Variable Capacitance Diode
2007-04-20
BB914 INFINEON-BB914_07 Datasheet
58Kb / 5P
   Silicon Variable Capacitance Diode
2007-04-20
More results

Similar Description - BB914

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BB804 INFINEON-BB804 Datasheet
408Kb / 3P
   Silicon Variable Capacitance Diode
Nov-07-2002
logo
Sony Corporation
1T369 SONY-1T369 Datasheet
44Kb / 4P
   Silicon Variable Capacitance Diode
logo
Infineon Technologies A...
BB659E6805 INFINEON-BB659E6805 Datasheet
59Kb / 6P
   Silicon Variable Capacitance Diode
2005-10-19
BB439 INFINEON-BB439_07 Datasheet
55Kb / 5P
   Silicon Variable Capacitance Diode
2007-04-20
BB640 INFINEON-BB640_07 Datasheet
56Kb / 5P
   Silicon Variable Capacitance Diode
2007-04-20
logo
Leshan Radio Company
BB535 LRC-BB535 Datasheet
83Kb / 3P
   Silicon Variable Capacitance Diode
logo
Infineon Technologies A...
BB679 INFINEON-BB679 Datasheet
404Kb / 4P
   Silicon Variable Capacitance Diode
Oct-25-2002
logo
Sony Corporation
1T363A SONY-1T363A Datasheet
57Kb / 5P
   Silicon Variable Capacitance Diode
1T365 SONY-1T365 Datasheet
47Kb / 4P
   Silicon Variable Capacitance Diode
1T362A SONY-1T362A Datasheet
52Kb / 4P
   Silicon Variable Capacitance Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com