Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN495 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # AN495
Description  INTERFACE SPECIFICATION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN495 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button AN495 Datasheet HTML 5Page - Silicon Laboratories AN495 Datasheet HTML 6Page - Silicon Laboratories AN495 Datasheet HTML 7Page - Silicon Laboratories AN495 Datasheet HTML 8Page - Silicon Laboratories AN495 Datasheet HTML 9Page - Silicon Laboratories AN495 Datasheet HTML 10Page - Silicon Laboratories AN495 Datasheet HTML 11Page - Silicon Laboratories AN495 Datasheet HTML 12Page - Silicon Laboratories AN495 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AN495
Rev. 0.2
9
4.3. Get GPIO Values
Report ID: 0x03
Direction: Feature Request In
If a pin is configured as a GPIO input pin, the corresponding Latch Value bit represents the input value. If a pin is
configured as a GPIO output pin, the corresponding Latch Value bit represents the logic level driven on the pin.
GPIO0_TXT corresponds to bit zero (the least significant bit), and GPIO7_CLK corresponds to bit seven (the most
significant bit).
4.4. Set GPIO Values
Report ID: 0x04
Direction: Feature Request Out
Set GPIO Values sets the values for GPIO pins.
The desired value for the pin is configured in Latch Value. To drive a “1” on an output pin, the corresponding bit
should be set to “1”. To drive a “0” on an output pin, the corresponding bit should be set to “0”.
The Report sets new values only for output pins that have a “1” in the corresponding bit position in Latch Mask. If
the corresponding bit in Latch Mask is set to “0”, a new pin value will not be set, even if the pin is configured as an
output pin.
The Report does not affect any pins that are not configured as outputs.
4.5. Get Version Information
Report ID: 0x05
Direction: Feature Request In
Part Number indicates the device part number. The CP2112 returns 0x0C.
Device Version is the version of the device. This value is not programmable over the HID interface.
Name
Offset
Size
Value
Description
Latch Value
1
2
*
Current latch values
Name
Offset
Size
Value
Description
Latch Value
1
1
*
Latch value
Latch Mask
2
1
*
Pin to set to new latch value
Name
Offset
Size
Value
Description
Part Number
1
1
0x0C
Device part number
Device Version
2
1
Varies


Similar Part No. - AN495

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN495 STMICROELECTRONICS-AN495 Datasheet
265Kb / 7P
   Effective filtering of TDE1707
More results

Similar Description - AN495

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
LMG5278XUFC-00T HITACHI-LMG5278XUFC-00T Datasheet
21Kb / 1P
   INTERFACE SPECIFICATION
logo
Silicon Laboratories
AN434 SILABS-AN434 Datasheet
183Kb / 34P
   INTERFACE SPECIFICATION
AN792 SILABS-AN792 Datasheet
358Kb / 76P
   INTERFACE SPECIFICATION
logo
STMicroelectronics
ST16-19RFRDCS STMICROELECTRONICS-ST16-19RFRDCS Datasheet
146Kb / 21P
   CHIP SET INTERFACE SPECIFICATION
logo
DB Lectro Inc
ESD110V2 DBLECTRO-ESD110V2 Datasheet
379Kb / 2P
   Output Interface UART, Bluetooth Specification
ESD100V2 DBLECTRO-ESD100V2 Datasheet
396Kb / 2P
   Output Interface UART, Bluetooth Specification
logo
Sharp Corporation
NL-RC01 SHARP-NL-RC01 Datasheet
1Mb / 23P
   DEVICE SPECIFICATION FOR XGA TFT Analog Interface Board
logo
Fujitsu Component Limit...
NC41120-0018 FUJITSU-NC41120-0018 Datasheet
183Kb / 3P
   STANDARD Micro Controller Specification USB Interface Controller Chip
logo
Xilinx, Inc
DS633 XILINX-DS633 Datasheet
309Kb / 10P
   PLB interface is based on PLB v4.6 specification
DS632 XILINX-DS632 Datasheet
384Kb / 17P
   PLB interface is based on PLB v4.6 specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com