Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP7315-33FS4-7B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7315-33FS4-7B
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315-33FS4-7B Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7315-33FS4-7B Datasheet HTML 1Page - Diodes Incorporated AP7315-33FS4-7B Datasheet HTML 2Page - Diodes Incorporated AP7315-33FS4-7B Datasheet HTML 3Page - Diodes Incorporated AP7315-33FS4-7B Datasheet HTML 4Page - Diodes Incorporated AP7315-33FS4-7B Datasheet HTML 5Page - Diodes Incorporated AP7315-33FS4-7B Datasheet HTML 6Page - Diodes Incorporated AP7315-33FS4-7B Datasheet HTML 7Page - Diodes Incorporated AP7315-33FS4-7B Datasheet HTML 8Page - Diodes Incorporated AP7315-33FS4-7B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AP7315
Document number: DS38352 Rev. 1 - 2
3 of 23
www.diodes.com
December 2015
© Diodes Incorporated
AP7315
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
VIN
Input Voltage
6.0
V
VEN
Input Voltage EN
6.0
V
VOUT
Output Voltage
-0.3 to VIN +0.3
V
IOUT
Output Current
300
mA
PD
Power Dissipation
400
mW
TA
Operating Ambient Temperature
-40 to +85
°C
TSTG
Storage Temperature
-55 to +125
°C
Note:
4. a). Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect
device reliability.
b). Ratings apply to ambient temperature at +25°C. The JEDEC High-K board design used to derive this data is a 2in. x 2in. multi-layer board with 1oz.
internal power and ground planes and 2oz. copper traces on the top and bottom of the board.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
1.7
5.25
V
IOUT
Output Current
0
150
mA
TA
Operating Ambient Temperature
-40
+85
°C


Similar Part No. - AP7315-33FS4-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7315DQ-11W5-7 DIODES-AP7315DQ-11W5-7 Datasheet
637Kb / 12P
   AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7315DQ-12W5-7 DIODES-AP7315DQ-12W5-7 Datasheet
637Kb / 12P
   AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7315DQ-15W5-7 DIODES-AP7315DQ-15W5-7 Datasheet
637Kb / 12P
   AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7315DQ-172W5-7 DIODES-AP7315DQ-172W5-7 Datasheet
637Kb / 12P
   AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7315DQ-18W5-7 DIODES-AP7315DQ-18W5-7 Datasheet
637Kb / 12P
   AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
More results

Similar Description - AP7315-33FS4-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7342 DIODES-AP7342 Datasheet
2Mb / 14P
   DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7315Q DIODES-AP7315Q Datasheet
637Kb / 12P
   AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com