Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP7341D-12FS4-7 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7341D-12FS4-7
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7341D-12FS4-7 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7341D-12FS4-7 Datasheet HTML 6Page - Diodes Incorporated AP7341D-12FS4-7 Datasheet HTML 7Page - Diodes Incorporated AP7341D-12FS4-7 Datasheet HTML 8Page - Diodes Incorporated AP7341D-12FS4-7 Datasheet HTML 9Page - Diodes Incorporated AP7341D-12FS4-7 Datasheet HTML 10Page - Diodes Incorporated AP7341D-12FS4-7 Datasheet HTML 11Page - Diodes Incorporated AP7341D-12FS4-7 Datasheet HTML 12Page - Diodes Incorporated AP7341D-12FS4-7 Datasheet HTML 13Page - Diodes Incorporated AP7341D-12FS4-7 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AP7341
Document number: DS36523 Rev. 4 - 2
10 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP7341
Application Information
Output Capacitor
An output capacitor (COUT) is needed to improve transient response and maintain stability. The AP7341 is stable with very small ceramic output
capacitors. The ESR (equivalent series resistance) and capacitance drives the selection. If the application has large load variations, it is
recommended to utilize low-ESR bulk capacitors. It is recommended to place ceramic capacitors as close as possible to the load and the ground
pin and care should be taken to reduce the impedance in the layout.
Input Capacitor
To prevent the input voltage from dropping during load steps it is recommended to utilize an input capacitor (CIN). A minimum 0.47μF ceramic
capacitor is recommended between VIN and GND pins to decouple input power supply glitch. This input capacitor must be located as close as
possible to the device to assure input stability and reduce noise. For PCB layout, a wide copper trace is required for both VIN and GND pins.
Enable Control
The AP7341 is turned on by setting the EN pin high, and is turned off by pulling it low. If this feature is not used, the EN pin should be tied to VIN pin
to keep the regulator output on at all time. To ensure proper operation, the signal source used to drive the EN pin must be able to swing above and
below the specified turn-on/off voltage thresholds listed in the Electrical Characteristics section.
Short Circuit Protection
When VOUT pin is short-circuit to GND, short circuit protection will be triggered and clamp the output current to approximately 60mA. This feature
protects the regulator from over-current and damage due to overheating.
Layout Considerations
For good ground loop and stability, the input and output capacitors should be located close to the input, output, and ground pins of the device. The
regulator ground pin should be connected to the external circuit ground to reduce voltage drop caused by trace impedance. Ground plane is
generally used to reduce trace impedance. Wide trace should be used for large current paths from VIN to VOUT, and load circuit.
ESR vs. Output Current
Ceramic type output capacitor is recommended for this series; however, the other output capacitors with low ESR also can be used. The relations
between IOUT (Output Current) and ESR of an output capacitor are shown below. The stable region is marked as the hatched area in the graph.
Measurement conditions: Frequency Band : 10Hz to 2MHz, Temperature
: −40°C to +85°C
0.001
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Output Current IOUT (mA)
ESR vs. Output Current
AP7341-18
-40°C
85°C
0.001
0.01
0.1
1
10
100
0
50
100
150
200
250
300
Output Current IOUT (mA)
ESR vs. Output Current
AP7341-33
-40°C
85°C


Similar Part No. - AP7341D-12FS4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-12FS4-7 DIODES-AP7340-12FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-15FS4-7 DIODES-AP7340-15FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-185FS4-7 DIODES-AP7340-185FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-18FS4-7 DIODES-AP7340-18FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results

Similar Description - AP7341D-12FS4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7348 DIODES-AP7348 Datasheet
1Mb / 15P
   4 CHANNEL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
August 2020 Rev. 3 - 2
AP7343Q DIODES-AP7343Q Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
Fitipower Integrated Te...
FP6146 FITIPOWER-FP6146 Datasheet
885Kb / 17P
   300mA Low Noise High PSRR LDO with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com