Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2810AMTR-G1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2810AMTR-G1
Description  1.0A High-side Power Distribution Switch with Enable and Flag
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2810AMTR-G1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2810AMTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2810AMTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2810AMTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2810AMTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2810AMTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2810AMTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2810AMTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2810AMTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2810AMTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Advance Datasheet
1.0A High-side Power Distribution Switch with Enable and Flag
AP2810
Jul. 2012 Rev 1. 2
BCD Semiconductor Manufacturing Limited
4
Ordering Information
AP2810
-
Circuit Type
Product Package
Condition
Temperature
Range
Part Number
Marking ID
Packing
Type
Green
Green
AP2810A
SOIC-8
Active High
with Auto Discharge
-40 to 85
°C
AP2810AM-G1
2810AM-G1
Tube
AP2810AMTR-G1
2810AM-G1
Tape & Reel
MSOP-8
AP2810AMM-G1
2810AMM-G1
Tube
AP2810AMMTR-G1
2810AMM-G1
Tape & Reel
AP2810B
SOIC-8
Active High
without Auto Discharge
-40 to 85
°C
AP2810BM-G1
2810BM-G1
Tube
AP2810BMTR-G1
2810BM-G1
Tape & Reel
MSOP-8
AP2810BMM-G1
2810BMM-G1
Tube
AP2810BMMTR-G1
2810BMM-G1
Tape & Reel
AP2810C
SOIC-8
Active Low
with Auto Discharge
-40 to 85
°C
AP2810CM-G1
2810CM-G1
Tube
AP2810CMTR-G1
2810CM-G1
Tape & Reel
MSOP-8
AP2810CMM-G1
2810CMM-G1
Tube
AP2810CMMTR-G1
2810CMM-G1
Tape & Reel
AP2810D
SOIC-8
Active Low
without Auto Discharge
-40 to 85
°C
AP2810DM-G1
2810DM-G1
Tube
AP2810DMTR-G1
2810DM-G1
Tape & Reel
MSOP-8
AP2810DMM-G1
2810DMM-G1
Tube
AP2810DMMTR-G1
2810DMM-G1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and Green.
G1: Green
TR: Tape & Reel
Blank: Tube
Package
M: SOIC-8
MM: MSOP-8
Condition
A: Active High with Auto Discharge
B: Active High without Auto Discharge
C: Active Low with Auto Discharge
D: Active Low without Auto Discharge


Similar Part No. - AP2810AMTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2810AMTR-G1 DIODES-AP2810AMTR-G1 Datasheet
684Kb / 14P
   1.0A High-side Power Distribution Switch with Enable and Flag
Jul. 2012 Rev 1. 2
More results

Similar Description - AP2810AMTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2810 DIODES-AP2810 Datasheet
684Kb / 14P
   1.0A High-side Power Distribution Switch with Enable and Flag
Jul. 2012 Rev 1. 2
logo
BCD Semiconductor Manuf...
AP2820 BCDSEMI-AP2820 Datasheet
653Kb / 18P
   High-side Power Distribution Switch with Enable and Flag
logo
Diodes Incorporated
AP2815 DIODES-AP2815 Datasheet
633Kb / 16P
   1.5A High-side Power Distribution Switch with Enable and Flag
Apr. 2012 Rev 1. 7
logo
BCD Semiconductor Manuf...
AP2815 BCDSEMI-AP2815 Datasheet
634Kb / 16P
   1.5A High-side Power Distribution Switch with Enable and Flag
AP2805 BCDSEMI-AP2805 Datasheet
691Kb / 16P
   500mA High-side Power Distribution Switch with Enable and Flag
AP2821 BCDSEMI-AP2821 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
logo
Diodes Incorporated
AP2821 DIODES-AP2821 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
Mar. 2013 Rev 2. 0
logo
YOBON TECHNOLOGIES,INC.
YB1901 YOBON-YB1901 Datasheet
859Kb / 12P
   2.0A High-Side Power Switch with Flag
logo
Richtek Technology Corp...
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
   80m廓, 500mA High-Side Power Switch with Flag
logo
Global Mixed-mode Techn...
G5243A GMT-G5243A Datasheet
71Kb / 1P
   High-Side Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com