Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSS1038-333 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # MSS1038-333
Description  AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MSS1038-333 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button MSS1038-333 Datasheet HTML 3Page - Diodes Incorporated MSS1038-333 Datasheet HTML 4Page - Diodes Incorporated MSS1038-333 Datasheet HTML 5Page - Diodes Incorporated MSS1038-333 Datasheet HTML 6Page - Diodes Incorporated MSS1038-333 Datasheet HTML 7Page - Diodes Incorporated MSS1038-333 Datasheet HTML 8Page - Diodes Incorporated MSS1038-333 Datasheet HTML 9Page - Diodes Incorporated MSS1038-333 Datasheet HTML 10Page - Diodes Incorporated MSS1038-333 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AL8807BQ
Document number: DS37011 Rev. 1 - 2
7 of 18
www.diodes.com
October 2014
© Diodes Incorporated
AL8807BQ
Typical Performance Characteristics (1A LED current) (@TA = +25°C, unless otherwise specified.)
Figure 19. LED Current Deviation vs. Input Voltage
Figure 20. Switching Frequency vs. Input Voltage
Figure 21. LED Current Deviation vs. Input Voltage
Figure 22. Switching Frequency vs. Input Voltage
Figure 23. LED Current Deviation vs. Input Voltage
Figure 24. Switching Frequency vs. Input Voltage


Similar Part No. - MSS1038-333

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MSS1038-333 DIODES-MSS1038-333 Datasheet
724Kb / 22P
   AUTOMOTIVE GRADE 30V 1A LED DRIVER
logo
List of Unclassifed Man...
MSS1038-333 ETC2-MSS1038-333 Datasheet
1Mb / 18P
   30V, 1.2A Step-down High Brightness LED Driver with 5000:1 Dimming
logo
Coilcraft lnc.
MSS1038-333ML COILCRAFT-MSS1038-333ML Datasheet
209Kb / 2P
   SMT Power Inductors
MSS1038-333ML COILCRAFT-MSS1038-333ML Datasheet
172Kb / 2P
   Shielded Power Inductors ??MSS1038
MSS1038-333ML COILCRAFT-MSS1038-333ML Datasheet
172Kb / 2P
   Shielded Power Inductors ??MSS1038
More results

Similar Description - MSS1038-333

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807B DIODES-AL8807B Datasheet
4Mb / 18P
   HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
AL8807Q DIODES-AL8807Q Datasheet
1Mb / 16P
   HIGH EFFICIENCY LOW 30V 1.3A AUTOMOTIVE GRADE BUCK LED DRIVER
logo
Allegro MicroSystems
A6217 ALLEGRO-A6217 Datasheet
1Mb / 19P
   Automotive-Grade, Constant-Current PWM Dimmable Buck Regulator LED Driver
logo
Bright Power Semiconduc...
BP2876D BPS-BP2876D Datasheet
495Kb / 2P
   PWM Dimmable Buck LED Driver
logo
Allegro MicroSystems
ALT80800 ALLEGRO-ALT80800 Datasheet
1Mb / 23P
   Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
logo
Maxic Technology Corpor...
MT7862 MAXIC-MT7862 Datasheet
106Kb / 1P
   PWM Dimmable APFC BUCK LED Driver
MT7864 MAXIC-MT7864 Datasheet
185Kb / 1P
   PWM Dimmable APFC BUCK LED Driver
MT7865 MAXIC-MT7865 Datasheet
185Kb / 1P
   PWM Dimmable APFC BUCK LED Driver
MT7860 MAXIC-MT7860 Datasheet
185Kb / 1P
   PWM/Analog Dimmable APFC BUCK LED Driver
logo
Bright Power Semiconduc...
BP2838 BPS-BP2838 Datasheet
238Kb / 2P
   PWM dimmable Non-isolated Buck LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com