Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL8807BQ Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL8807BQ
Description  AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8807BQ Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL8807BQ Datasheet HTML 5Page - Diodes Incorporated AL8807BQ Datasheet HTML 6Page - Diodes Incorporated AL8807BQ Datasheet HTML 7Page - Diodes Incorporated AL8807BQ Datasheet HTML 8Page - Diodes Incorporated AL8807BQ Datasheet HTML 9Page - Diodes Incorporated AL8807BQ Datasheet HTML 10Page - Diodes Incorporated AL8807BQ Datasheet HTML 11Page - Diodes Incorporated AL8807BQ Datasheet HTML 12Page - Diodes Incorporated AL8807BQ Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AL8807BQ
Document number: DS37011 Rev. 1 - 2
9 of 18
www.diodes.com
October 2014
© Diodes Incorporated
AL8807BQ
Application Information
The AL8807BQ is a hysteretic (also known as equal ripple) LED driver with integrated power switch. It is available in two packages that provide a
PCB area-power dissipation capability compromise. It is recommended that at higher LED currents/smaller PCBs that the MSOP-8EP version is
used to maximize the allowable LED current over a wider ambient temperature range.
AL8807BQ Operation
In normal operation, when voltage is applied at +VIN, the AL8807BQ internal switch is turned on. Current starts to flow through sense resistor R1,
inductor L1, and the LEDs. The current ramps up linearly, and the ramp rate is determined by the input voltage +Vin and the inductor L1.
This rising current produces a voltage ramp across R1. The internal circuit of the AL8807BQ senses the voltage across R1 and applies a
proportional voltage to the input of the internal comparator.
When this voltage reaches an internally set upper threshold, the internal switch is turned off. The inductor current continues to flow through R1, L1,
the LEDs and the schottky diode D1, and back to the supply rail, but it decays, with the rate of decay determined by the forward voltage drop of
the LEDs and the schottky diode.
This decaying current produces a falling voltage at R1, which is sensed by the AL8807BQ. A voltage proportional to the sense voltage across R1 is
applied at the input of the internal comparator. When this voltage falls to the internally set lower threshold, the internal switch is turned on again.
This switch-on-and-off cycle continues to provide the average LED current set by the sense resistor R1.
LED Current Control
The LED current is controlled by the resistor R1 in Figure 31.
Figure 31 Typical Application Circuit
Figure 32 Typical Operating Waveform (C2 not fitted)
Connected between VIN and SET the nominal average output current in the LED(s) is defined as:
1
R
V
I
THD
LED
For example for a desired LED current of 660mA and a default voltage VCTRL=2.5V the resulting resistor is:
m
150
66
.
0
1
.
0
I
V
1
R
LED
THD
VIN = 12V
TA =25ºC
2 LEDs
20ns/div
No C2
Ch2: 2V/div
Ch4: 100mA/div
Ch4: LED Current
Ch2: SW Pin


Similar Part No. - AL8807BQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807B DIODES-AL8807B Datasheet
4Mb / 18P
   HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
AL8807BMP-13 DIODES-AL8807BMP-13 Datasheet
4Mb / 18P
   HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
More results

Similar Description - AL8807BQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807B DIODES-AL8807B Datasheet
4Mb / 18P
   HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
AL8807Q DIODES-AL8807Q Datasheet
1Mb / 16P
   HIGH EFFICIENCY LOW 30V 1.3A AUTOMOTIVE GRADE BUCK LED DRIVER
logo
Allegro MicroSystems
A6217 ALLEGRO-A6217 Datasheet
1Mb / 19P
   Automotive-Grade, Constant-Current PWM Dimmable Buck Regulator LED Driver
logo
Bright Power Semiconduc...
BP2876D BPS-BP2876D Datasheet
495Kb / 2P
   PWM Dimmable Buck LED Driver
logo
Allegro MicroSystems
ALT80800 ALLEGRO-ALT80800 Datasheet
1Mb / 23P
   Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
logo
Maxic Technology Corpor...
MT7862 MAXIC-MT7862 Datasheet
106Kb / 1P
   PWM Dimmable APFC BUCK LED Driver
MT7864 MAXIC-MT7864 Datasheet
185Kb / 1P
   PWM Dimmable APFC BUCK LED Driver
MT7865 MAXIC-MT7865 Datasheet
185Kb / 1P
   PWM Dimmable APFC BUCK LED Driver
MT7860 MAXIC-MT7860 Datasheet
185Kb / 1P
   PWM/Analog Dimmable APFC BUCK LED Driver
logo
Bright Power Semiconduc...
BP2838 BPS-BP2838 Datasheet
238Kb / 2P
   PWM dimmable Non-isolated Buck LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com