Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL8807BMP-13 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL8807BMP-13
Description  HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8807BMP-13 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL8807BMP-13 Datasheet HTML 4Page - Diodes Incorporated AL8807BMP-13 Datasheet HTML 5Page - Diodes Incorporated AL8807BMP-13 Datasheet HTML 6Page - Diodes Incorporated AL8807BMP-13 Datasheet HTML 7Page - Diodes Incorporated AL8807BMP-13 Datasheet HTML 8Page - Diodes Incorporated AL8807BMP-13 Datasheet HTML 9Page - Diodes Incorporated AL8807BMP-13 Datasheet HTML 10Page - Diodes Incorporated AL8807BMP-13 Datasheet HTML 11Page - Diodes Incorporated AL8807BMP-13 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AL88070B
Document number: DS36191 Rev. 1 - 2
8 of 18
www.diodes.com
March 2014
© Diodes Incorporated
AL8807B
Typical Performance Characteristics (1.3A LED current MSOP-8EP) (@TA = +25°C, unless otherwise specified.)
Figure 25. LED Current Deviation vs. Input Voltage
Figure 26. Switching Frequency vs. Input Voltage
Figure 27. LED Current Deviation vs. Input Voltage
Figure 28. Switching Frequency vs. Input Voltage
Figure 29. LED Current Deviation vs. Input Voltage
Figure 30. Switching Frequency vs. Input Voltage


Similar Part No. - AL8807BMP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807BQ DIODES-AL8807BQ Datasheet
2Mb / 18P
   AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER
More results

Similar Description - AL8807BMP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8807BQ DIODES-AL8807BQ Datasheet
2Mb / 18P
   AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER
logo
Bright Power Semiconduc...
BP2876D BPS-BP2876D Datasheet
495Kb / 2P
   PWM Dimmable Buck LED Driver
logo
Diodes Incorporated
AL8806 DIODES-AL8806_13 Datasheet
468Kb / 15P
   HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
logo
Maxic Technology Corpor...
MT7862 MAXIC-MT7862 Datasheet
106Kb / 1P
   PWM Dimmable APFC BUCK LED Driver
MT7864 MAXIC-MT7864 Datasheet
185Kb / 1P
   PWM Dimmable APFC BUCK LED Driver
MT7865 MAXIC-MT7865 Datasheet
185Kb / 1P
   PWM Dimmable APFC BUCK LED Driver
logo
Diodes Incorporated
AL8807A DIODES-AL8807A Datasheet
566Kb / 20P
   HIGH EFFICIENCY LOW EMI WIDE ANALOG DIMMING RANGE 36V 1A/1.3A BUCK LED DRIVER
logo
Maxic Technology Corpor...
MT7860 MAXIC-MT7860 Datasheet
185Kb / 1P
   PWM/Analog Dimmable APFC BUCK LED Driver
logo
Bright Power Semiconduc...
BP2838 BPS-BP2838 Datasheet
238Kb / 2P
   PWM dimmable Non-isolated Buck LED Driver
logo
Diodes Incorporated
AL8807Q DIODES-AL8807Q Datasheet
1Mb / 16P
   HIGH EFFICIENCY LOW 30V 1.3A AUTOMOTIVE GRADE BUCK LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com