Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP2114 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # CP2114
Description  HID-TO-UART API SPECIFICATION
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2114 Datasheet(HTML) 5 Page - Silicon Laboratories

  CP2114 Datasheet HTML 1Page - Silicon Laboratories CP2114 Datasheet HTML 2Page - Silicon Laboratories CP2114 Datasheet HTML 3Page - Silicon Laboratories CP2114 Datasheet HTML 4Page - Silicon Laboratories CP2114 Datasheet HTML 5Page - Silicon Laboratories CP2114 Datasheet HTML 6Page - Silicon Laboratories CP2114 Datasheet HTML 7Page - Silicon Laboratories CP2114 Datasheet HTML 8Page - Silicon Laboratories CP2114 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
AN433
Rev. 0.5
5
2.2. HidUart_GetString
Description:
This function returns a null-terminated vendor ID string, product ID string, serial string, device path
string, manufacturer string, or product string for the device specified by an index passed in
deviceNum. The index for the first device is 0 and the last device is the value returned by
HidUart_GetNumDevices() – 1.
Prototype:
HID_UART_STATUS HidUart_GetString (DWORD deviceNum, WORD vid, WORD pid,
char* deviceString, DWORD options)
Parameters:1.
deviceNum—Index of the device for which the string is desired.
2.
vid—Filter device results by vendor ID. If both vid and pid are set to 0x0000, then HID devices
will not be filtered by VID/PID.
3.
pid—Filter device results by product ID. If both vid and pid are set to 0x0000, then HID devices
will not be filtered by VID/PID.
4.
deviceString—Variable of type HID_UART_DEVICE_STRING which will contain a NULL
terminated ASCII device string on return. The string is 260 bytes on Windows and 512 bytes
on Mac OS X and Linux.
5.
options—Determines if deviceString contains a vendor ID string, product ID string, serial
string, device path string, manufacturer string, or product string.
Return Value:
HID_UART_STATUS = HID_UART_SUCCESS
HID_UART_DEVICE_NOT_FOUND
HID_UART_INVALID_PARAMETER
HID_UART_DEVICE_ACCESS_ERROR
Definition
Value
Length
Description
HID_UART_GET_VID_STR
0x01
5
Vendor ID
HID_UART_GET_PID_STR
0x02
5
Product ID
HID_UART_GET_PATH_STR
0x03
260/512
Device path
HID_UART_GET_SERIAL_STR
0x04
256
Serial string
HID_UART_GET_MANUFACTURER_STR
0x05
256
Manufacturer string
HID_UART_GET_PRODUCT_STR
0x06
256
Product string


Similar Part No. - CP2114

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2114 SILABS-CP2114 Datasheet
183Kb / 34P
   INTERFACE SPECIFICATION
CP2114 SILABS-CP2114 Datasheet
745Kb / 45P
   DEVICE CUSTOMIZATION GUIDE
CP2114 SILABS-CP2114 Datasheet
420Kb / 44P
   SINGLE-CHIP USB AUDIO TO I2S DIGITAL AUDIO BRIDGE
CP2114-B01-GM SILABS-CP2114-B01-GM Datasheet
420Kb / 44P
   SINGLE-CHIP USB AUDIO TO I2S DIGITAL AUDIO BRIDGE
CP2114-CS42L55EK SILABS-CP2114-CS42L55EK Datasheet
1Mb / 26P
   EVALUATION KIT USERS GUIDE
More results

Similar Description - CP2114

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN532 SILABS-AN532 Datasheet
108Kb / 22P
   HID LIBRARY API SPECIFICATION
AN496 SILABS-AN496 Datasheet
170Kb / 36P
   HID USB-TO-SMBUS API SPECIFICATION
logo
Holtek Semiconductor In...
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
HT42B564-X HOLTEK-HT42B564-X Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
logo
Silicon Laboratories
CP2110 SILABS-CP2110 Datasheet
268Kb / 26P
   SINGLE-CHIP HID USB TO UART BRIDGE
logo
Future Technology Devic...
FT260Q-R FTDI-FT260Q-R Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
FT260S-U FTDI-FT260S-U Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
T260Q-T FTDI-T260Q-T Datasheet
2Mb / 61P
   HID-class USB to UART/I2C Bridge IC
logo
DB Lectro Inc
ESD110V2 DBLECTRO-ESD110V2 Datasheet
379Kb / 2P
   Output Interface UART, Bluetooth Specification
ESD100V2 DBLECTRO-ESD100V2 Datasheet
396Kb / 2P
   Output Interface UART, Bluetooth Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com