Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSN084F-681M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSN084F-681M
Description  SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSN084F-681M Datasheet(HTML) 1 Page - Frontier Electronics.

  CSN084F-681M Datasheet HTML 1Page - Frontier Electronics. CSN084F-681M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSN084F Series
SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
Rev. A
A. Electrical Specifications:
PART NO.
Marking
Inductance
(μH)
Tolerance
Test Freq.
(KHz)
DCR Max.
(Ω)
Rated
Current (A)
I sat
(A)
CSN084F-1R0M
1R0
1.0
M
100
0.009
6.80
9.00
CSN084F-1R5M
1R5
1.5
M
100
0.010
6.40
8.00
CSN084F-2R2M
2R2
2.2
M
100
0.012
6.10
7.00
CSN084F-3R3M
3R3
3.3
M
100
0.015
5.40
6.40
CSN084F-4R7M
4R7
4.7
M
100
0.018
4.80
5.40
CSN084F-6R8M
6R8
6.8
M
100
0.027
4.40
4.60
CSN084F-100M
100
10
M
100
0.038
3.90
3.80
CSN084F-150M
150
15
M
100
0.046
3.10
3.00
CSN084F-220M
220
22
M
100
0.085
2.70
2.60
CSN084F-330M
330
33
M
100
0.100
2.10
2.00
CSN084F-470M
470
47
M
100
0.140
1.80
1.60
CSN084F-680M
680
68
M
100
0.200
1.50
1.40
CSN084F-101M
101
100
M
100
0.280
1.30
1.20
CSN084F-151M
151
150
M
100
0.400
1.00
1.00
CSN084F-221M
221
220
M
100
0.610
0.80
0.80
CSN084F-331M
331
330
M
100
1.020
0.60
0.60
CSN084F-471M
471
470
M
100
1.270
0.50
0.50
CSN084F-681M
681
680
M
100
2.020
0.40
0.40
CSN084F-102M
102
1000
M
100
3.000
0.30
0.30
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
CSN084F
12.95
(0.510)
9.4
(0.370)
Ø8.5
(0.335)
5.21
(0.205)
7.6
(0.299)
2.5
(0.098)
2.92
(0.115)
7.37
(0.290)
2.79
(0.110)
Tol.
Max.
Max.
Typ.
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSN084F-xxx_, “CSN084F” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: M = ± 20%, L = ±15%, K = ±10%.
3. Operating temperature range: -30ºC to +100ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7. Inductance drop no more than 10% of initial value at rated curr
ent, temperature rise ∆t < 40ºC.
8. Inductance and Current range: From 1.0 µH (6.80A) to 1000.0 µH (0.30A).
9. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSN084F-681M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSN084F FRONTIER-CSN084F Datasheet
121Kb / 5P
   Tape and Reel Specifications
CSN084F100M FRONTIER-CSN084F100M Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN084F101M FRONTIER-CSN084F101M Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN084F102M FRONTIER-CSN084F102M Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN084F150M FRONTIER-CSN084F150M Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
More results

Similar Description - CSN084F-681M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSN032D-1R0M FRONTIER-CSN032D-1R0M Datasheet
192Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN054D-1R0M FRONTIER-CSN054D-1R0M Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN043D FRONTIER-CSN043D_15 Datasheet
273Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN054D FRONTIER-CSN054D_15 Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN075D FRONTIER-CSN075D_15 Datasheet
243Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN105D FRONTIER-CSN105D_15 Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN105D-100M FRONTIER-CSN105D-100M Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN073F FRONTIER-CSN073F_15 Datasheet
229Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN084F FRONTIER-CSN084F_15 Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN073D-100M FRONTIER-CSN073D-100M Datasheet
239Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN104D-100M FRONTIER-CSN104D-100M Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com