Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT100-2P4419 Datasheet(PDF) 2 Page - SICK AG

Part # WT100-2P4419
Description  Photoelectric proximity sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WT100-2P4419 Datasheet(HTML) 2 Page - SICK AG

  WT100-2P4419 Datasheet HTML 1Page - SICK AG WT100-2P4419 Datasheet HTML 2Page - SICK AG WT100-2P4419 Datasheet HTML 3Page - SICK AG WT100-2P4419 Datasheet HTML 4Page - SICK AG WT100-2P4419 Datasheet HTML 5Page - SICK AG WT100-2P4419 Datasheet HTML 6Page - SICK AG WT100-2P4419 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/15/2016 2:41:00 AM
Photoelectric sensors
W100-2, Photoelectric proximity sensor, Background blanking
1) 2) Object with 90 % reflectance (referred to standard white, DIN 5033) 3) Average service life of 100,000 h at TA = +25 °C
Type
> WT100-2P4419
Part No.
> 6052380
At a glance
Standard miniature housing with integrated M3 threaded mounting holes
Bright emitted light spot and clearly visible indicator LEDs
Light/dark switching and sensitivity adjustment possible
Effective background blanking
Your benefits
Straightforward alignment thanks to bright light spot and clearly visible indicator
LEDs
Compatibility with a number of common mounting systems due to standard
housing with 1-inch hole spacing and integrated M3 threaded mounting hole
Highly reliable and durable despite optical interference and mechanical loads
Precise detection, irrespective of reflective objects and backgrounds
Illustration may differ
Features
Sensor/detection principle:
Photoelectric proximity sensor, Background blanking
Dimensions (W x H x D):
11 mm x 31 mm x 20 mm
Housing design (light emission):
Rectangular
Sensing range max.:
4 mm ... 140 mm 1)
Sensing range:
10 mm ... 100 mm 2)
Type of light:
Visible red light
Light source:
LED 3)
Wave length:
632 nm
Adjustment:
Potentiometer
Light spot size (distance):
Ø 8 mm (90 mm)
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
± 10 % 2)
Current consumption:
≤ 30 mA 3)
Output type:
PNP
Switching mode:
Light/dark switching
Switching mode selector:
Selectable via light/dark rotary switch
Output current Imax.:
100 mA


Similar Part No. - WT100-2P4419

ManufacturerPart #DatasheetDescription
logo
SICK AG
WT100-2P4439 SICK-WT100-2P4439 Datasheet
837Kb / 7P
   Photoelectric proximity sensor
More results

Similar Description - WT100-2P4419

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WT2F-P280 SICK-WT2F-P280 Datasheet
672Kb / 6P
   Photoelectric proximity sensor
WT100-2N3439 SICK-WT100-2N3439 Datasheet
831Kb / 7P
   Photoelectric proximity sensor
WT100-2P0409S45 SICK-WT100-2P0409S45 Datasheet
837Kb / 7P
   Photoelectric proximity sensor
WTB4S-3N1132H SICK-WTB4S-3N1132H Datasheet
1Mb / 6P
   Photoelectric proximity sensor
WTB4S-3N1135H SICK-WTB4S-3N1135H Datasheet
1Mb / 6P
   Photoelectric proximity sensor
WTB4S-3P3204HS01 SICK-WTB4S-3P3204HS01 Datasheet
1Mb / 6P
   Photoelectric proximity sensor
WTB4S-3P3235H SICK-WTB4S-3P3235H Datasheet
1Mb / 6P
   Photoelectric proximity sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com