Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAW78B Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAW78B
Description  Silicon Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAW78B Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAW78B Datasheet HTML 1Page - Infineon Technologies AG BAW78B Datasheet HTML 2Page - Infineon Technologies AG BAW78B Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAW78A...BAW78D
2
Aug-20-2001
Electrical Characteristics at TA = 25 °C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Breakdown voltage
I(BR) = 100 µA
BAW78A
BAW78B
BAW78C
BAW78D
V(BR)
50
100
200
400
-
-
-
-
-
-
-
-
V
Forward voltage
IF = 1 A
IF = 2 A
VF
-
-
-
-
1.6
2
Reverse current
VR = VRmax
IR
-
-
1
µA
Reverse current
VR = VRmax , TA = 150 °C
IR
-
-
50
AC characteristics
Diode capacitance
VR = 0 V, f = 1 MHz
CD
-
10
-
pF
Reverse recovery time
IF = 200 mA, IR = 200 mA, RL = 100 ,
measured at IR = 20mA
trr
-
1
-
µs
Test circuit for reverse recovery time
EHN00019
Ι
F
D.U.T.
Oscillograph
Pulse generator: tp = 10µs, D = 0.05,
tr = 0.6ns, Ri = 50
Oscillograph: R = 50
, tr = 0.35ns,
C
 1pF


Similar Part No. - BAW78B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAW78B SIEMENS-BAW78B Datasheet
86Kb / 3P
   Silicon Switching Diodes (Switching applications High breakdown voltage)
More results

Similar Description - BAW78B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS79A INFINEON-BAS79A Datasheet
33Kb / 3P
   Silicon Switching Diodes
Aug-20-2001
BAW78 INFINEON-BAW78 Datasheet
441Kb / 4P
   Silicon Switching Diodes
Feb-03-2003
logo
Central Semiconductor C...
CMUD7000 CENTRAL-CMUD7000_15 Datasheet
414Kb / 2P
   SILICON SWITCHING DIODES
CMPD7000 CENTRAL-CMPD7000_15 Datasheet
395Kb / 2P
   SILICON SWITCHING DIODES
logo
NEC
1S2837 NEC-1S2837 Datasheet
246Kb / 4P
   SILICON SWITCHING DIODES
1SS303 NEC-1SS303 Datasheet
56Kb / 4P
   SILICON SWITCHING DIODES
1SS304 NEC-1SS304 Datasheet
55Kb / 4P
   SILICON SWITCHING DIODES
logo
Infineon Technologies A...
BAS19 INFINEON-BAS19 Datasheet
46Kb / 4P
   Silicon Switching Diodes
Aug-06-2001
BAS78A INFINEON-BAS78A Datasheet
33Kb / 3P
   Silicon Switching Diodes
Aug-20-2001
BAW78 INFINEON-BAW78_07 Datasheet
69Kb / 6P
   Silicon Switching Diodes
2007-04-20
logo
Renesas Technology Corp
1S2835 RENESAS-1S2835 Datasheet
428Kb / 6P
   SILICON SWITCHING DIODES
2002
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com