Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM2861 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PAM2861
Description  1A LED DRIVER WITH INTERNAL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2861 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PAM2861 Datasheet HTML 4Page - Diodes Incorporated PAM2861 Datasheet HTML 5Page - Diodes Incorporated PAM2861 Datasheet HTML 6Page - Diodes Incorporated PAM2861 Datasheet HTML 7Page - Diodes Incorporated PAM2861 Datasheet HTML 8Page - Diodes Incorporated PAM2861 Datasheet HTML 9Page - Diodes Incorporated PAM2861 Datasheet HTML 10Page - Diodes Incorporated PAM2861 Datasheet HTML 11Page - Diodes Incorporated PAM2861 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PAM2861
Document number: DSxxxxx Rev. 1 - 1
8 of 12
www.diodes.com
July 2013
© Diodes Incorporated
PAM2861
A Product Line of
Diodes Incorporated
Application Information
Setting Nominal Average Output Current with External Resistor RS
The nominal average output current in the LED(s) is determined by the value of the external current sense resistor (RS) connected between VIN
and ISENSE and is given by:
R
1
.
0
I
S
)
NOM
(
OUT
The table below gives values of nominal average output current for several preferred values of current setting resistor (RS) in the typical
application circuit shown on page 1.
RS (Ω)
Nominal Average Output
Current (mA)
0.1
1000
0.13
760
0.15
667
0.3
333
The above values assume that the VSET pin is floating and at a nominal voltage of VREF (1.25V). Note that RS = 0.1Ω is the minimum allowed
value of sense resistor under these conditions to maintain switch current below the specified maximum value. It is possible to use different
values of RS if the VSET pin is driven from an external voltage.
Capacitor Selection
A low ESR capacitor should be used for input decoupling, as the ESR of this capacitor appears in series with the supply source impedance and
lowers overall efficiency. This capacitor has to supply the relatively high peak current to the coil and smooth the current ripple on the input
supply.
A minimum value of 4.7µF is acceptable if the input source is close to the device, but higher values will improve performance at lower input
voltages, especially when the source impedance is high. The input capacitor should be placed as close as possible to the IC.
For maximum stability over temperature and voltage, capacitors with X7R, X5R, or better dielectric are recommended. Capacitors with
Y5Vdielectric are not suitable for decoupling in this application and should NOT be used.
Inductor Selection
Recommended inductor values for the PAM2861 are in the range 33µH to 100µH. Higher values of inductance are recommended at higher
supply voltages in order to minimize errors due to switching delays, which in increased ripple and lower efficiency. Higher values of inductance
also result in a smaller change in output current over the supply voltage range. The inductor should be mounted as close to the device as
possilbe with low resistance connections to the LX and VIN pins. The chosen coil should have a saturation current higher than the peak output
current and a continuous current rating above the required mean output current.
The inductor value should be chosen to maintain operating duty cycle and switch ‘on’/’off’ times within the specified limits over the supply voltage
and load current range. The following equations can be used as a guide.
LX Switch ‘On’ time
)
R
R
R
(
I
V
V
I
L
T
LX
L
S
LED
LED
IN
ON
Lx Switch ‘Off’ time
)
R
R
(
I
V
V
I
L
T
L
S
LED
D
LED
OFF
Where: L is the coil inductance; RL is the coil resistance; RS is the current sense resistance ILED is the required LED current; ΔI is the coil peak-
peak ripple current (Internally set to 0.25 x ILED); VIN is the supply voltage; VLED is the total LED forward voltage; RLX is the switch resistance
(0.3
Ω nominal); VD is the diode forward voltage at the required load current


Similar Part No. - PAM2861

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2863 DIODES-PAM2863 Datasheet
402Kb / 11P
   2A LED DRIVER with INTERNAL SWITCH
PAM2863ECR DIODES-PAM2863ECR Datasheet
402Kb / 11P
   2A LED DRIVER with INTERNAL SWITCH
More results

Similar Description - PAM2861

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
   1A LED driver with internal switch
logo
Maxic Technology Corpor...
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
   1A LED driver with internal switch
logo
Feeling Technology Corp...
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
   1A LED Driver with Internal Switch
logo
Zetex Semiconductors
ZXLD1360 ZETEX-ZXLD1360 Datasheet
716Kb / 28P
   1A LED driver with internal switch
logo
Tontek Design Technolog...
TTP932 TONTEK-TTP932 Datasheet
911Kb / 21P
   1A LED Driver with internal switch
logo
List of Unclassifed Man...
CL6807 ETC1-CL6807 Datasheet
191Kb / 8P
   30V 1A LED driver with internal switch
logo
Integrated Silicon Solu...
IS31LT3353 ISSI-IS31LT3353 Datasheet
409Kb / 15P
   40V/1A BUCK LED DRIVER WITH INTERNAL SWITCH
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366 Datasheet
1Mb / 32P
   High accuracy 1A, 60V LED driver with internal switch
logo
E-CMOS Corporation
EC4304 E-CMOS-EC4304 Datasheet
600Kb / 13P
   1A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
Diodes Incorporated
ZXLD1366 DIODES-ZXLD1366_10 Datasheet
402Kb / 32P
   HIGH ACCURACY 1A, 60V LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com