Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR421UW6Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BCR421UW6Q
Description  Linear LED Constant Current Regulator in SOT26
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCR421UW6Q Datasheet(HTML) 4 Page - Diodes Incorporated

  BCR421UW6Q Datasheet HTML 1Page - Diodes Incorporated BCR421UW6Q Datasheet HTML 2Page - Diodes Incorporated BCR421UW6Q Datasheet HTML 3Page - Diodes Incorporated BCR421UW6Q Datasheet HTML 4Page - Diodes Incorporated BCR421UW6Q Datasheet HTML 5Page - Diodes Incorporated BCR421UW6Q Datasheet HTML 6Page - Diodes Incorporated BCR421UW6Q Datasheet HTML 7Page - Diodes Incorporated BCR421UW6Q Datasheet HTML 8Page - Diodes Incorporated BCR421UW6Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BCR421UW6Q
Document number: DS38302 Rev. 1 - 2
4 of 11
www.diodes.com
October 2015
© Diodes Incorporated
BCR421UW6Q
Typical Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
100
1000
0
100
200
300
400
500
600
700
800
Rth(JA) VS Cu Area
Copper Area (mm
2
)
100µ
1m
10m 100m
1
10
100
1k
0
25
50
75
100
125
T
amb
=25°C
50mm * 50mm
1oz Cu
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
T
amb
=25°C
50mm * 50mm
1oz Cu
Single Pulse
Pulse Power Dissipation
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
0
25
50
75
100
125
150
T
amb
=25°C
25mm * 25mm
1oz Cu
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
Single Pulse
T
amb
=25°C
25mm * 25mm
1oz Cu
Pulse Power Dissipation
Pulse Width (s)
0
50
100
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25mm * 25mm
1oz Cu
50mm * 50mm
1oz Cu
Derating Curve
Temperature (°C)


Similar Part No. - BCR421UW6Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCR421UW6Q DIODES-BCR421UW6Q Datasheet
687Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR IN SOT26
More results

Similar Description - BCR421UW6Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCR420UW6 DIODES-BCR420UW6 Datasheet
648Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR IN SOT26
BCR420UW6Q DIODES-BCR420UW6Q Datasheet
687Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR IN SOT26
BCR402UW6 DIODES-BCR402UW6 Datasheet
403Kb / 7P
   20 to 100mA LED CONSTANT CURRENT REGULATOR in SOT26
BCR405UW6 DIODES-BCR405UW6 Datasheet
406Kb / 7P
   50 to 100mA LED CONSTANT CURRENT REGULATOR in SOT26
BCR401UW6 DIODES-BCR401UW6 Datasheet
407Kb / 7P
   10 to 100mA LED CONSTANT CURRENT REGULATOR in SOT26
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR
BCR420UFDQ DIODES-BCR420UFDQ Datasheet
746Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR IN U-DFN2020-6
January 2018
BCR405UW6 DIODES-BCR405UW6_17 Datasheet
456Kb / 13P
   LED CONSTANT CURRENT REGULATOR
BCR401UW6 DIODES-BCR401UW6_17 Datasheet
454Kb / 13P
   LED CONSTANT CURRENT REGULATOR
BCR402UW6 DIODES-BCR402UW6_18 Datasheet
684Kb / 13P
   LED CONSTANT CURRENT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com