Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3598A Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP3598A
Description  COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3598A Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP3598A Datasheet HTML 3Page - Diodes Incorporated AP3598A Datasheet HTML 4Page - Diodes Incorporated AP3598A Datasheet HTML 5Page - Diodes Incorporated AP3598A Datasheet HTML 6Page - Diodes Incorporated AP3598A Datasheet HTML 7Page - Diodes Incorporated AP3598A Datasheet HTML 8Page - Diodes Incorporated AP3598A Datasheet HTML 9Page - Diodes Incorporated AP3598A Datasheet HTML 10Page - Diodes Incorporated AP3598A Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AP3598A
Document number: DS37261 Rev. 2 - 2
7 of 28
www.diodes.com
November 2014
© Diodes Incorporated
AP3598A
A Product Line of
Diodes Incorporated
Electrical Characteristics (Cont. VCC = 12V, VPCC = 12V, TA = +25ºC, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
POWER SAVING INTERFACE
VPSIH
Power Saving Interface High
Threshold
Dual Phase with FCCM
1.5
V
VPSIL
Power Saving Interface Low
Threshold
Single Phase with DCM
0.4
V
VPSIM
Power Saving Interface
Intermediate Threshold
Single Phase with FCCM
0.8
1.1
V
POWER GOOD
tPG_DLY
Delay Time for PGOOD from
High to Low
10
µs
RPG
Internal Power Good Pull Low
Resistance
150
Ω
GATE DRIVER
IHG_SRC
Upper Gate Sourcing Current
VBOOTx-VPHASEx = 6V
1.2
A
RHG_SNK
Upper Gate Sinking
Resistance
VUGATEx-VPHASEx = 0.1V
IUGATEx = 100mA
2
ILG_SRC
Lower Gate Sourcing Current
VCC-VLGATEx = 6V
1.2
A
RLG_SNK
Lower Gate Sinking
Resistance
VLGATEx = 0.1V
ILGATEx = 100mA
1.4
VBOOT
Boot Diode Forward Voltage
VPCC-VBOOT, IBOOT =
20mA
0.8
V
PROTECTION
VUVP
Output Under Voltage
Protection Threshold
0.5*
VOUT
V
tUVP
Delay Time for UVP Triggered
50
μs
VOVP
Output Over Voltage Protection
Threshold
1.4*
VOUT
V
tOVP
Delay Time for OVP Triggered
50
μs
IOCSET
LGATE OC Setting Current
21.5
μA
Built-in Maximum OCP Voltage
0.35
V
THERMAL PROTECTION
TSD
Thermal Shutdown Threshold
+150
+160
+170
ºC
TALERT#
Minimum Thermal Alert
Threshold
+120
+130
+140
ºC
VTSNS
Temperature Sense Threshold
1.00
V
PWM-VID DYNAMIC VOLTAGE CONTROL
VIH
Logic High Level
1.5
V
VIL
Logic Low Level
0.4
V
VID
VID Voltage in High-Z Mode
1.1
V
CURRENT BALANCE
IOFS
Current Balance Sense Offset
0
μA


Similar Part No. - AP3598A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3591 DIODES-AP3591 Datasheet
689Kb / 18P
   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
AP3591FNTR-G1 DIODES-AP3591FNTR-G1 Datasheet
689Kb / 18P
   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
   DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
AP3595FNTR-G1 DIODES-AP3595FNTR-G1 Datasheet
1Mb / 23P
   DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
More results

Similar Description - AP3598A

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1605 UPI-UP1605 Datasheet
323Kb / 23P
   Compact Dual-Phase Synchronous-Rectified Buck Controller
Jun. 2012
UP6204 UPI-UP6204 Datasheet
337Kb / 19P
   Compact Three-Phase Synchronous-Rectified Buck Controller
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
   DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
   Phase Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
   Phase Synchronous-Rectified Buck Controller
UP1666Q UPI-UP1666Q Datasheet
417Kb / 18P
   2-Phase Synchronous-Rectified Buck Controller
UP1541R UPI-UP1541R Datasheet
221Kb / 14P
   Synchronous-Rectified Buck Controller
UP1536 UPI-UP1536 Datasheet
184Kb / 10P
   Synchronous-Rectified Buck Controller
UP3861P UPI-UP3861P Datasheet
235Kb / 17P
   Dual Channel Interleaved Synchronous-Rectified Buck Controller
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
   3/2/1-Phase Synchronous-Rectified Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com