Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3598A Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3598A
Description  COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3598A Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3598A Datasheet HTML 2Page - Diodes Incorporated AP3598A Datasheet HTML 3Page - Diodes Incorporated AP3598A Datasheet HTML 4Page - Diodes Incorporated AP3598A Datasheet HTML 5Page - Diodes Incorporated AP3598A Datasheet HTML 6Page - Diodes Incorporated AP3598A Datasheet HTML 7Page - Diodes Incorporated AP3598A Datasheet HTML 8Page - Diodes Incorporated AP3598A Datasheet HTML 9Page - Diodes Incorporated AP3598A Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AP3598A
Document number: DS37261 Rev. 2 - 2
6 of 28
www.diodes.com
November 2014
© Diodes Incorporated
AP3598A
A Product Line of
Diodes Incorporated
Electrical Characteristics (VCC = 12V, VPCC = 12V, TA = +25ºC, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGE
ICC
Supply Current
HGATE and LGATE
Open, Switching
5
mA
ICC_Q
Quiescent Supply Current
No Switching
4
mA
ISHDN
Shutdown Supply Current
Shutdown
4
mA
POR
VCCRTH
Under Voltage Lockout Threshold for
VCC
3.9
4.1
4.3
V
VCCHYS
Hysteresis for VCC
0.4
V
VPCCRTH
Under Voltage Lockout Threshold for
PVCC
3.9
4.1
4.3
V
VPCCHYS
Hysteresis for PVCC
0.4
V
REFERENCE VOLTAGE
VREF
Reference Voltage Accuracy
IREF = 100µA, TA =
+25ºC
1.98
2.00
2.02
V
IREF = 100µA,
TA = 0 to +150ºC
1.97
2.03
∆VREF
Reference Voltage Load Regulation
IREF = 0 to 2mA
-5
5
mV
IREF
VREF Maximum Output Current
10
mA
ERROR AMPLIFIER
AO
Open Loop DC Gain
Guaranteed by design
70
80
dB
GBW
Gain-Bandwidth Product
CLOAD = 5pF,
Guaranteed by design
20
MHz
SR
Slew Rate
Guaranteed by design
15
20
V/µs
ICOMP
Maximum Current (Sink and Source)
VCOMP = 1.6V
1.5
2.0
mA
FREQUENCY SETTING
VFS
FS Voltage
RFS = 33kΩ
1
V
Switching Frequency Setting Range
200
500
kHz
fOSC
Free Run Switching Frequency
RFS = 33kΩ
270
300
330
kHz
∆fOSC
Switching Frequency Accuracy
fOSC = 200kHz to 500kHz
-15
15
%
OSCILLATOR
Maximum Duty Cycle
35
40
%
Minimum Duty Cycle
0
%
∆VOSC
Ramp Amplitude
VCC = 12V
3.5
V
ENABLE FUNCTION
VENIH
Enable High Threshold
1.4
V
VENIL
Enable Low Threshold
0.6
V


Similar Part No. - AP3598A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3591 DIODES-AP3591 Datasheet
689Kb / 18P
   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
AP3591FNTR-G1 DIODES-AP3591FNTR-G1 Datasheet
689Kb / 18P
   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
   DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
AP3595FNTR-G1 DIODES-AP3595FNTR-G1 Datasheet
1Mb / 23P
   DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
More results

Similar Description - AP3598A

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1605 UPI-UP1605 Datasheet
323Kb / 23P
   Compact Dual-Phase Synchronous-Rectified Buck Controller
Jun. 2012
UP6204 UPI-UP6204 Datasheet
337Kb / 19P
   Compact Three-Phase Synchronous-Rectified Buck Controller
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
   DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
   Phase Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
   Phase Synchronous-Rectified Buck Controller
UP1666Q UPI-UP1666Q Datasheet
417Kb / 18P
   2-Phase Synchronous-Rectified Buck Controller
UP1541R UPI-UP1541R Datasheet
221Kb / 14P
   Synchronous-Rectified Buck Controller
UP1536 UPI-UP1536 Datasheet
184Kb / 10P
   Synchronous-Rectified Buck Controller
UP3861P UPI-UP3861P Datasheet
235Kb / 17P
   Dual Channel Interleaved Synchronous-Rectified Buck Controller
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
   3/2/1-Phase Synchronous-Rectified Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com