Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1694MTR-G1 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1694MTR-G1
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1694MTR-G1 Datasheet(HTML) 6 Page - Diodes Incorporated

  AP1694MTR-G1 Datasheet HTML 1Page - Diodes Incorporated AP1694MTR-G1 Datasheet HTML 2Page - Diodes Incorporated AP1694MTR-G1 Datasheet HTML 3Page - Diodes Incorporated AP1694MTR-G1 Datasheet HTML 4Page - Diodes Incorporated AP1694MTR-G1 Datasheet HTML 5Page - Diodes Incorporated AP1694MTR-G1 Datasheet HTML 6Page - Diodes Incorporated AP1694MTR-G1 Datasheet HTML 7Page - Diodes Incorporated AP1694MTR-G1 Datasheet HTML 8Page - Diodes Incorporated AP1694MTR-G1 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AP1694
Document number: DS36522 Rev. 2 - 2
6 of 9
www.diodes.com
December 2013
© Diodes Incorporated
AP1694
A Product Line of
Diodes Incorporated
-40
-20
0
20
40
60
80
100
120
1.00
1.25
1.50
1.75
2.00
2.25
Ambient Temperature (
oC)
Performance Characteristics (Cont.)
FB Leakage Current vs. Ambient Temperature
Supply Current vs. Supply Voltage
Ordering Information
AP1694 X XX – G1
Packing
Package
Product Name
TR : Tape & Reel
M : SO-8
G1 : Green
RoHS/Green
Diodes IC’s Pb-free products with "G1" suffix in the part number, are RoHS compliant and green.
Package
Ambient Temperature
Range
Part Number
Marking ID
Packing
SO-8
-40°C to +105°C
AP1694MTR-G1
1694M-G1
4000/13’’Tape & Reel
Marking Information
(Top View)
1694
M-G1
YWWAXX
0
2
4
6
8
10
12
14161820
222426
28
0
200
400
600
800
1000
1200
Supply Voltage (V)
First and Second Lines: Logo and Marking ID
(See Ordering Information)
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and8th Digits of Batch No.


Similar Part No. - AP1694MTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AEV10 DIODES-AP1694AEV10 Datasheet
756Kb / 10P
   120VAC Triac Dimmable GU10 LED Driver
AP1694AEV11 DIODES-AP1694AEV11 Datasheet
854Kb / 10P
   230VAC Triac Dimmable GU10 LED Driver
AP1694AMTR-G1 DIODES-AP1694AMTR-G1 Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
More results

Similar Description - AP1694MTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1695-20C DIODES-AP1695-20C Datasheet
423Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
AP1695 DIODES-AP1695 Datasheet
442Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
AP1685 DIODES-AP1685 Datasheet
428Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
AL1697 DIODES-AL1697 Datasheet
559Kb / 13P
   High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
AL1697 DIODES-AL1697_17 Datasheet
324Kb / 13P
   HIGH PF, OFFLINE DIMMABLE LED DRIVER WITH INTERNAL HIGH-VOLTAGE MOSFET
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com