Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1685 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP1685
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1685 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP1685 Datasheet HTML 6Page - Diodes Incorporated AP1685 Datasheet HTML 7Page - Diodes Incorporated AP1685 Datasheet HTML 8Page - Diodes Incorporated AP1685 Datasheet HTML 9Page - Diodes Incorporated AP1685 Datasheet HTML 10Page - Diodes Incorporated AP1685 Datasheet HTML 11Page - Diodes Incorporated AP1685 Datasheet HTML 12Page - Diodes Incorporated AP1685 Datasheet HTML 13Page - Diodes Incorporated AP1685 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP1685
Document number: DS37311 Rev. 1 - 2
11 of 14
www.diodes.com
September 2014
© Diodes Incorporated
AP1685
A Product Line of
Diodes Incorporated
Ordering Information
AP1685 X XX – XX
Packing
Package
Product Name
TR : Tape & Reel
M : SO-7
G1 : Green
RoHS/Green
Package
Temperature Range
Part Number
Marking ID
Packing
SO-7
-40°C to +105°C
AP1685MTR-G1
1685M-G1
4
000/13’’Tape & Reel
Marking Information
(Top View)
First and Second Lines: Logo and Marking ID
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and 8th Digits of Batch No.
1685
M-G1
YWWAXX


Similar Part No. - AP1685

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
AP1680K6TR-G1 DIODES-AP1680K6TR-G1 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
BCD Semiconductor Manuf...
AP1681 BCDSEMI-AP1681 Datasheet
346Kb / 13P
   Off-line Primary Side Regulation Controller for Dimmable LED Driver
AP1681M-G1 BCDSEMI-AP1681M-G1 Datasheet
346Kb / 13P
   Off-line Primary Side Regulation Controller for Dimmable LED Driver
More results

Similar Description - AP1685

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1695 DIODES-AP1695 Datasheet
442Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
AP1695-20C DIODES-AP1695-20C Datasheet
423Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER IC
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
logo
ON Semiconductor
NCL30060 ONSEMI-NCL30060 Datasheet
686Kb / 15P
   High PF Offline Single Stage LED Driver
May, 2014 ??Rev. 0
NCL30060 ONSEMI-NCL30060_16 Datasheet
688Kb / 15P
   High PF Offline Single Stage LED Driver
July, 2016 ??Rev. 4
NCL30060 ONSEMI-NCL30060_18 Datasheet
733Kb / 15P
   High PF Offline Single Stage LED Driver
April, 2018 ??Rev. 8
NCL30060 ONSEMI-NCL30060_17 Datasheet
689Kb / 15P
   High PF Offline Single Stage LED Driver
November, 2017 ??Rev. 6
logo
Diodes Incorporated
AL1697 DIODES-AL1697 Datasheet
559Kb / 13P
   High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com