Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL1676-40DS7-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL1676-40DS7-13
Description  UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1676-40DS7-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL1676-40DS7-13 Datasheet HTML 1Page - Diodes Incorporated AL1676-40DS7-13 Datasheet HTML 2Page - Diodes Incorporated AL1676-40DS7-13 Datasheet HTML 3Page - Diodes Incorporated AL1676-40DS7-13 Datasheet HTML 4Page - Diodes Incorporated AL1676-40DS7-13 Datasheet HTML 5Page - Diodes Incorporated AL1676-40DS7-13 Datasheet HTML 6Page - Diodes Incorporated AL1676-40DS7-13 Datasheet HTML 7Page - Diodes Incorporated AL1676-40DS7-13 Datasheet HTML 8Page - Diodes Incorporated AL1676-40DS7-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AL1676
Document number: DS38290 Rev. 1 - 2
2 of 15
www.diodes.com
February 2016
© Diodes Incorporated
AL1676
Typical Applications Circuit
OUT
+
ROVP
GND
U1 AL1676
C5
R1
AC
Input
F1
DB1
C1
COMP
VCC
R2
CS
D
C4
D1
L2
R4
R5
R3
C2
C3
VR
L1
NC
Pin Descriptions
Pin Number
Pin Name
Function
1
VCC
Power supply voltage
2
ROVP
Resistor set the open voltage
3
COMP
Compensation for current control
4
GND
Ground
5
CS
Current sensing
6
NC
No connection
7
D
Drain of the internal high voltage MOSFET
Functional Block Diagram
VCC
Management
Fault
Management
UVLO
OFF
VCC
Clamp
OSP
OTP
OVP
VDD
STOP
tOFF Detection
(ZCD)
VCC
OVP
OVP
D
VCC
GND
ROVP
OSP
STOP
R
S
Q
6
-
+
COMP
Gm
VREF
Sample and
Hold
-
+
3
5
VOVP_REF
tOFF
VOVP_REF
VREF
tOFF
4
2
1
7
CS
NC
Driver Supply
Clamp
-
+
0.8V
OCP


Similar Part No. - AL1676-40DS7-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1672 DIODES-AL1672 Datasheet
293Kb / 14P
   SINGLE STAGE DIMMABLE BUCK CONVERTER
AL1672-40CSP-13 DIODES-AL1672-40CSP-13 Datasheet
293Kb / 14P
   SINGLE STAGE DIMMABLE BUCK CONVERTER
AL1673 DIODES-AL1673 Datasheet
317Kb / 15P
   UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
AL1673-20CSP-13 DIODES-AL1673-20CSP-13 Datasheet
317Kb / 15P
   UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
AL1677 DIODES-AL1677 Datasheet
539Kb / 13P
   UNIVERSAL, HIGH EFFICIENCY AND ACCURACY LED DRIVER CONVERTER
More results

Similar Description - AL1676-40DS7-13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30002 ONSEMI-NCL30002 Datasheet
232Kb / 17P
   Power Factor Corrected Buck LED Driver
March, 2012 ??Rev. 0
logo
NXP Semiconductors
UM10406 NXP-UM10406 Datasheet
389Kb / 21P
   SSL1523 high power factor 5 W LED driver for universal
Rev. 01-3 August 2010
logo
Diodes Incorporated
AL1678-20B DIODES-AL1678-20B Datasheet
529Kb / 13P
   UNIVERSAL, 500V BUCK LED DRIVER
logo
Shenzhen Tianyuan Semic...
TP8601 TPOWER-TP8601 Datasheet
568Kb / 6P
   High power factor non-isolated buck LED constant current driver chip
TP8611 TPOWER-TP8611 Datasheet
625Kb / 7P
   PWM dimming high power factor non-isolated buck LED driver chip
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702 Datasheet
411Kb / 9P
   High Power Factor Corrector LED Driver
logo
Linkage Goston Electron...
SM7301 LINKAGE-SM7301 Datasheet
4Mb / 8P
   High power factor LED driver chip
logo
Taiwan Semiconductor Co...
TS19702 TSC-TS19702_14 Datasheet
1Mb / 9P
   High Power Factor Corrector LED Driver
logo
PREMA Semiconductor.
PR4101 PREMA-PR4101 Datasheet
2Mb / 24P
   High Power LED Buck Driver
logo
Shenzhen Tianyuan Semic...
TP8602 TPOWER-TP8602 Datasheet
606Kb / 6P
   High power factor non-isolated buck LED driver chip with integrated power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com