Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ACT821F Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT821F
Description  10-Bit D Flip-Flop with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT821F Datasheet(HTML) 6 Page - National Semiconductor (TI)

  54ACT821F Datasheet HTML 1Page - National Semiconductor (TI) 54ACT821F Datasheet HTML 2Page - National Semiconductor (TI) 54ACT821F Datasheet HTML 3Page - National Semiconductor (TI) 54ACT821F Datasheet HTML 4Page - National Semiconductor (TI) 54ACT821F Datasheet HTML 5Page - National Semiconductor (TI) 54ACT821F Datasheet HTML 6Page - National Semiconductor (TI) 54ACT821F Datasheet HTML 7Page - National Semiconductor (TI) 54ACT821F Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AC Electrical Characteristics (Continued)
54ACT
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 12)
C
L = 50 pF
Min
Max
t
PZL
Output Enable Time
5.0
1.5
13.0
ns
OE to O
n
t
PHZ
Output Disable Time
5.0
1.5
13.5
ns
OE to O
n
t
PLZ
Output Disable Time
5.0
1.5
12.5
ns
OE to O
n
Note 12: Voltage Range 5.0 is 5.0V ±0.5V
AC Operating Requirements
54ACT
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 13)
C
L = 50 pF
Guaranteed Minimum
t
s
Setup Time, HIGH or LOW
5.0
4.0
ns
D
n to CP
t
h
Hold Time, HIGH or LOW
5.0
3.0
ns
D
n to CP
t
w
CP Pulse Width
5.0
6.0
ns
HIGH or LOW
Note 13: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
35.0
pF
V
CC = 5.0V
Capacitance
www.national.com
6


Similar Part No. - 54ACT821F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT823 NSC-54ACT823 Datasheet
134Kb / 8P
   9-Bit D Flip-Flop
54ACT823 NSC-54ACT823 Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
54ACT823DMQB NSC-54ACT823DMQB Datasheet
134Kb / 8P
   9-Bit D Flip-Flop
54ACT823FCQB NSC-54ACT823FCQB Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
54ACT823FCQR NSC-54ACT823FCQR Datasheet
153Kb / 8P
   9-Bit D Flip-Flop
More results

Similar Description - 54ACT821F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ821 NSC-54ACTQ821 Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACQ821 NSC-54ACQ821 Datasheet
268Kb / 10P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACTQ16374 NSC-54ACTQ16374 Datasheet
80Kb / 6P
   16-Bit D Flip-Flop with TRI-STATE Outputs
54ABT16374 NSC-54ABT16374 Datasheet
131Kb / 6P
   16-Bit D Flip-Flop with TRI-STATE Outputs
SCAN18374T NSC-SCAN18374T Datasheet
162Kb / 14P
   D Flip-Flop with TRI-STATE Outputs
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
54AC374 NSC-54AC374 Datasheet
170Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
74FCT534 NSC-74FCT534 Datasheet
142Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
logo
Texas Instruments
54AC374 TI1-54AC374 Datasheet
215Kb / 10P
[Old version datasheet]   Octal D Flip-Flop with TRI-STATE Outputs
logo
National Semiconductor ...
54FCT374A NSC-54FCT374A Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com