Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32ZG222F4-QFP48 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # EFM32ZG222F4-QFP48
Description  Output state retention and wake-up from Shutoff Mode
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32ZG222F4-QFP48 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button EFM32ZG222F4-QFP48 Datasheet HTML 6Page - Silicon Laboratories EFM32ZG222F4-QFP48 Datasheet HTML 7Page - Silicon Laboratories EFM32ZG222F4-QFP48 Datasheet HTML 8Page - Silicon Laboratories EFM32ZG222F4-QFP48 Datasheet HTML 9Page - Silicon Laboratories EFM32ZG222F4-QFP48 Datasheet HTML 10Page - Silicon Laboratories EFM32ZG222F4-QFP48 Datasheet HTML 11Page - Silicon Laboratories EFM32ZG222F4-QFP48 Datasheet HTML 12Page - Silicon Laboratories EFM32ZG222F4-QFP48 Datasheet HTML 13Page - Silicon Laboratories EFM32ZG222F4-QFP48 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
...the world's most energy friendly microcontrollers
2015-03-06 - EFM32ZG222FXX - d0066_Rev1.10
10
www.silabs.com
Symbol
Parameter
Condition
Min
Typ
Max
Unit
14 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=25°C
50
54
µA/
MHz
14 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=85°C
51
56
µA/
MHz
11 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=25°C
52
56
µA/
MHz
11 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=85°C
53
58
µA/
MHz
6.6 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=25°C
57
63
µA/
MHz
6.6 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=85°C
59
66
µA/
MHz
1.2 MHz HFRCO. all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=25°C
89
99
µA/
MHz
1.2 MHz HFRCO. all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=85°C
92
103
µA/
MHz
EM2 current with RTC
prescaled to 1 Hz, 32.768
kHz LFRCO, VDD= 3.0 V,
TAMB=25°C
0.9
1.25
µA
IEM2
EM2 current
EM2 current with RTC
prescaled to 1 Hz, 32.768
kHz LFRCO, VDD= 3.0 V,
TAMB=85°C
1.7
2.35
µA
EM3 current (ULFRCO en-
abled, LFRCO/LFXO disabled),
VDD= 3.0 V, TAMB=25°C
0.5
0.9
µA
IEM3
EM3 current
EM3 current (ULFRCO en-
abled, LFRCO/LFXO disabled),
VDD= 3.0 V, TAMB=85°C
1.3
2.0
µA
VDD= 3.0 V, TAMB=25°C
0.02
0.035
µA
IEM4
EM4 current
VDD= 3.0 V, TAMB=85°C
0.29
0.700
µA


Similar Part No. - EFM32ZG222F4-QFP48

ManufacturerPart #DatasheetDescription
logo
Silicon image
EFM32ZG222F4-QFP48 SILICONIMAGE-EFM32ZG222F4-QFP48 Datasheet
1Mb / 66P
   Energy, gas, water and smart metering
logo
Silicon Laboratories
EFM32ZG222F4-QFP48 SILABS-EFM32ZG222F4-QFP48 Datasheet
264Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
EFM32ZG222F4-QFP48 SILABS-EFM32ZG222F4-QFP48 Datasheet
302Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
EFM32ZG222F4-QFP48T SILABS-EFM32ZG222F4-QFP48T Datasheet
302Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
More results

Similar Description - EFM32ZG222F4-QFP48

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG232 SILABS-EFM32LG232 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32TG840 SILABS-EFM32TG840 Datasheet
2Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG280 SILABS-EFM32WG280 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32WG290 SILABS-EFM32WG290 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32LG880 SILABS-EFM32LG880 Datasheet
2Mb / 85P
   Output state retention and wake-up from Shutoff Mode
EFM32GG942 SILABS-EFM32GG942 Datasheet
1Mb / 74P
   Output state retention and wake-up from Shutoff Mode
EFM32HG222 SILABS-EFM32HG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG330 SILABS-EFM32WG330 Datasheet
1Mb / 76P
   Output state retention and wake-up from Shutoff Mode
EFM32LG360 SILABS-EFM32LG360 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32HG210 SILABS-EFM32HG210 Datasheet
1Mb / 69P
   Output state retention and wake-up from Shutoff Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com