Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32ZG108F8-QFN24 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # EFM32ZG108F8-QFN24
Description  Configurable peripheral I/O locations
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32ZG108F8-QFN24 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button EFM32ZG108F8-QFN24 Datasheet HTML 4Page - Silicon Laboratories EFM32ZG108F8-QFN24 Datasheet HTML 5Page - Silicon Laboratories EFM32ZG108F8-QFN24 Datasheet HTML 6Page - Silicon Laboratories EFM32ZG108F8-QFN24 Datasheet HTML 7Page - Silicon Laboratories EFM32ZG108F8-QFN24 Datasheet HTML 8Page - Silicon Laboratories EFM32ZG108F8-QFN24 Datasheet HTML 9Page - Silicon Laboratories EFM32ZG108F8-QFN24 Datasheet HTML 10Page - Silicon Laboratories EFM32ZG108F8-QFN24 Datasheet HTML 11Page - Silicon Laboratories EFM32ZG108F8-QFN24 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
...the world's most energy friendly microcontrollers
2015-03-06 - EFM32ZG108FXX - d0063_Rev1.10
8
www.silabs.com
3 Electrical Characteristics
3.1 Test Conditions
3.1.1 Typical Values
The typical data are based on TAMB=25°C and VDD=3.0 V, as defined in Table 3.2 (p. 8), by simu-
lation and/or technology characterisation unless otherwise specified.
3.1.2 Minimum and Maximum Values
The minimum and maximum values represent the worst conditions of ambient temperature, supply volt-
age and frequencies, as defined in Table 3.2 (p. 8), by simulation and/or technology characterisa-
tion unless otherwise specified.
3.2 Absolute Maximum Ratings
The absolute maximum ratings are stress ratings, and functional operation under such conditions are
not guaranteed. Stress beyond the limits specified in Table 3.1 (p. 8) may affect the device reliability
or cause permanent damage to the device. Functional operating conditions are given in Table 3.2 (p.
8) .
Table 3.1. Absolute Maximum Ratings
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TSTG
Storage tempera-
ture range
-40
150
1
°C
TS
Maximum soldering
temperature
Latest IPC/JEDEC J-STD-020
Standard
260
°C
VDDMAX
External main sup-
ply voltage
0
3.8
V
VIOPIN
Voltage on any I/O
pin
-0.3
VDD+0.3 V
1Based on programmed devices tested for 10000 hours at 150ºC. Storage temperature affects retention of preprogrammed cal-
ibration values stored in flash. Please refer to the Flash section in the Electrical Characteristics for information on flash data re-
tention for different temperatures.
3.3 General Operating Conditions
3.3.1 General Operating Conditions
Table 3.2. General Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
TAMB
Ambient temperature range
-40
85
°C
VDDOP
Operating supply voltage
1.98
3.8
V
fAPB
Internal APB clock frequency
24
MHz
fAHB
Internal AHB clock frequency
24
MHz


Similar Part No. - EFM32ZG108F8-QFN24

ManufacturerPart #DatasheetDescription
logo
Silicon image
EFM32ZG108F8-QFN24 SILICONIMAGE-EFM32ZG108F8-QFN24 Datasheet
1Mb / 51P
   Energy, gas, water and smart metering
logo
Silicon Laboratories
EFM32ZG108F8-QFN24 SILABS-EFM32ZG108F8-QFN24 Datasheet
264Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
EFM32ZG108F8-QFN24 SILABS-EFM32ZG108F8-QFN24 Datasheet
302Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
More results

Similar Description - EFM32ZG108F8-QFN24

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG990 SILABS-EFM32GG990 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32GG895 SILABS-EFM32GG895 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32WG232 SILABS-EFM32WG232 Datasheet
1Mb / 75P
   Configurable peripheral I/O locations
EFM32GG980 SILABS-EFM32GG980 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32LG295 SILABS-EFM32LG295 Datasheet
2Mb / 82P
   Configurable peripheral I/O locations
EFM32GG940 SILABS-EFM32GG940 Datasheet
1Mb / 73P
   Configurable peripheral I/O locations
EFM32TG225 SILABS-EFM32TG225 Datasheet
2Mb / 66P
   Configurable peripheral I/O locations
EFM32TG842 SILABS-EFM32TG842 Datasheet
2Mb / 69P
   Configurable peripheral I/O locations
EFM32TG822 SILABS-EFM32TG822 Datasheet
2Mb / 68P
   Configurable peripheral I/O locations
EFM32TG222 SILABS-EFM32TG222 Datasheet
2Mb / 66P
   Configurable peripheral I/O locations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com