Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32WG890F128-BGA112 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # EFM32WG890F128-BGA112
Description  Operation from backup battery when main power drains out
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32WG890F128-BGA112 Datasheet(HTML) 5 Page - Silicon Laboratories

  EFM32WG890F128-BGA112 Datasheet HTML 1Page - Silicon Laboratories EFM32WG890F128-BGA112 Datasheet HTML 2Page - Silicon Laboratories EFM32WG890F128-BGA112 Datasheet HTML 3Page - Silicon Laboratories EFM32WG890F128-BGA112 Datasheet HTML 4Page - Silicon Laboratories EFM32WG890F128-BGA112 Datasheet HTML 5Page - Silicon Laboratories EFM32WG890F128-BGA112 Datasheet HTML 6Page - Silicon Laboratories EFM32WG890F128-BGA112 Datasheet HTML 7Page - Silicon Laboratories EFM32WG890F128-BGA112 Datasheet HTML 8Page - Silicon Laboratories EFM32WG890F128-BGA112 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
...the world's most energy friendly microcontrollers
2014-06-13 - EFM32WG890FXX - d0198_Rev1.40
5
www.silabs.com
2.1.11 TFT Direct Drive
The EBI contains a TFT controller which can drive a TFT via a 565 RGB interface. The TFT controller
supports programmable display and port sizes and offers accurate control of frequency and setup and
hold timing. Direct Drive is supported for TFT displays which do not have their own frame buffer. In
that case TFT Direct Drive can transfer data from either on-chip memory or from an external memory
device to the TFT at low CPU load. Automatic alpha-blending and masking is also supported for transfers
through the EBI interface.
2.1.12 Inter-Integrated Circuit Interface (I2C)
The I
2C module provides an interface between the MCU and a serial I2C-bus. It is capable of acting as
both a master and a slave, and supports multi-master buses. Both standard-mode, fast-mode and fast-
mode plus speeds are supported, allowing transmission rates all the way from 10 kbit/s up to 1 Mbit/s.
Slave arbitration and timeouts are also provided to allow implementation of an SMBus compliant system.
The interface provided to software by the I
2C module, allows both fine-grained control of the transmission
process and close to automatic transfers. Automatic recognition of slave addresses is provided in all
energy modes.
2.1.13 Universal Synchronous/Asynchronous Receiver/Transmitter (US-
ART)
The Universal Synchronous Asynchronous serial Receiver and Transmitter (USART) is a very flexible
serial I/O module. It supports full duplex asynchronous UART communication as well as RS-485, SPI,
MicroWire and 3-wire. It can also interface with ISO7816 SmartCards, IrDA and I2S devices.
2.1.14 Pre-Programmed UART Bootloader
The bootloader presented in application note AN0003 is pre-programmed in the device at factory. Auto-
baud and destructive write are supported. The autobaud feature, interface and commands are described
further in the application note.
2.1.15 Universal Asynchronous Receiver/Transmitter (UART)
The Universal Asynchronous serial Receiver and Transmitter (UART) is a very flexible serial I/O module.
It supports full- and half-duplex asynchronous UART communication.
2.1.16 Low Energy Universal Asynchronous Receiver/Transmitter
(LEUART)
The unique LEUART
TM, the Low Energy UART, is a UART that allows two-way UART communication on
a strict power budget. Only a 32.768 kHz clock is needed to allow UART communication up to 9600 baud/
s. The LEUART includes all necessary hardware support to make asynchronous serial communication
possible with minimum of software intervention and energy consumption.
2.1.17 Timer/Counter (TIMER)
The 16-bit general purpose Timer has 3 compare/capture channels for input capture and compare/Pulse-
Width Modulation (PWM) output. TIMER0 also includes a Dead-Time Insertion module suitable for motor
control applications.
2.1.18 Real Time Counter (RTC)
The Real Time Counter (RTC) contains a 24-bit counter and is clocked either by a 32.768 kHz crystal
oscillator, or a 32.768 kHz RC oscillator. In addition to energy modes EM0 and EM1, the RTC is also
available in EM2. This makes it ideal for keeping track of time since the RTC is enabled in EM2 where
most of the device is powered down.


Similar Part No. - EFM32WG890F128-BGA112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG890F128-BGA112 SILABS-EFM32WG890F128-BGA112 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
More results

Similar Description - EFM32WG890F128-BGA112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG390 SILABS-EFM32WG390 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG895 SILABS-EFM32WG895 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG840 SILABS-EFM32WG840 Datasheet
2Mb / 77P
   Operation from backup battery when main power drains out
EFM32WG842 SILABS-EFM32WG842 Datasheet
2Mb / 78P
   Operation from backup battery when main power drains out
EFM32WG880 SILABS-EFM32WG880 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG940 SILABS-EFM32WG940 Datasheet
2Mb / 77P
   Operation from backup battery when main power drains out
EFM32WG332 SILABS-EFM32WG332 Datasheet
2Mb / 76P
   Operation from backup battery when main power drains out
EFM32WG360 SILABS-EFM32WG360 Datasheet
1Mb / 75P
   Operation from backup battery when main power drains out
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG995 SILABS-EFM32WG995 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com