Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32WG360F64G-A-CSP81 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # EFM32WG360F64G-A-CSP81
Description  Operation from backup battery when main power drains out
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32WG360F64G-A-CSP81 Datasheet(HTML) 3 Page - Silicon Laboratories

  EFM32WG360F64G-A-CSP81 Datasheet HTML 1Page - Silicon Laboratories EFM32WG360F64G-A-CSP81 Datasheet HTML 2Page - Silicon Laboratories EFM32WG360F64G-A-CSP81 Datasheet HTML 3Page - Silicon Laboratories EFM32WG360F64G-A-CSP81 Datasheet HTML 4Page - Silicon Laboratories EFM32WG360F64G-A-CSP81 Datasheet HTML 5Page - Silicon Laboratories EFM32WG360F64G-A-CSP81 Datasheet HTML 6Page - Silicon Laboratories EFM32WG360F64G-A-CSP81 Datasheet HTML 7Page - Silicon Laboratories EFM32WG360F64G-A-CSP81 Datasheet HTML 8Page - Silicon Laboratories EFM32WG360F64G-A-CSP81 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
...the world's most energy friendly microcontrollers
2014-10-15 - EFM32WG360FXX - d0283_Rev1.00
3
www.silabs.com
2 System Summary
2.1 System Introduction
The EFM32 MCUs are the world’s most energy friendly microcontrollers. With a unique combination of
the powerful 32-bit ARM Cortex-M4, with DSP instruction support and floating-point unit, innovative low
energy techniques, short wake-up time from energy saving modes, and a wide selection of peripherals,
the EFM32WG microcontroller is well suited for any battery operated application as well as other systems
requiring high performance and low-energy consumption. This section gives a short introduction to each
of the modules in general terms and also shows a summary of the configuration for the EFM32WG360
devices. For a complete feature set and in-depth information on the modules, the reader is referred to
the EFM32WG Reference Manual.
A block diagram of the EFM32WG360 is shown in Figure 2.1 (p. 3) .
Figure 2.1. Block Diagram
Clock Managem ent
Energy Managem ent
Serial Int erfaces
I/ O Port s
Core and Mem ory
Tim ers and Triggers
Analog Int erfaces
Securit y
32- bit bus
Peripheral Reflex Syst em
ARM Cort ex ™ M4 processor
wit h DSP ex t ensions and FPU
Flash
Program
Mem ory
LESENSE
High Freq.
RC
Oscillat or
High Freq.
Cryst al
Oscillat or
Tim er/
Count er
Low Energy
Tim er
Pulse
Count er
Real Tim e
Count er
Low Freq.
Cryst al
Oscillat or
Low Freq.
RC
Oscillat or
Wat chdog
Tim er
RAM
Mem ory
General
Purpose
I/ O
Mem ory
Prot ect ion
Unit
DMA
Cont roller
Debug
Int erface
w/ ETM
Ex t ernal
Int errupt s
Pin
Reset
Hardware
AES
WG360F64/ 128/ 256
ADC
DAC
Operat ional
Am plifier
USART
I2C
UART
Power- on
Reset
Volt age
Regulat or
Back- up
Power
Dom ain
Volt age
Com parat or
Brown- out
Det ect or
Back- up
RTC
USB
Analog
Com parat or
Low
Energy
UART™
Pin
Wakeup
Ult ra Low Freq.
RC
Oscillat or
Aux High Freq.
RC
Oscillat or
2.1.1 ARM Cortex-M4 Core
The ARM Cortex-M4 includes a 32-bit RISC processor, with DSP instruction support and floating-point
unit, which can achieve as much as 1.25 Dhrystone MIPS/MHz. A Memory Protection Unit with support
for up to 8 memory segments is included, as well as a Wake-up Interrupt Controller handling interrupts
triggered while the CPU is asleep. The EFM32 implementation of the Cortex-M4 is described in detail
in ARM Cortex-M4 Devices Generic User Guide.
2.1.2 Debug Interface (DBG)
This device includes hardware debug support through a 2-pin serial-wire debug interface and an Embed-
ded Trace Module (ETM) for data/instruction tracing. In addition there is also a 1-wire Serial Wire Viewer
pin which can be used to output profiling information, data trace and software-generated messages.


Similar Part No. - EFM32WG360F64G-A-CSP81

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG360F64G-B-CSP81 SILABS-EFM32WG360F64G-B-CSP81 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
More results

Similar Description - EFM32WG360F64G-A-CSP81

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG390 SILABS-EFM32WG390 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG890 SILABS-EFM32WG890 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG895 SILABS-EFM32WG895 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG840 SILABS-EFM32WG840 Datasheet
2Mb / 77P
   Operation from backup battery when main power drains out
EFM32WG842 SILABS-EFM32WG842 Datasheet
2Mb / 78P
   Operation from backup battery when main power drains out
EFM32WG880 SILABS-EFM32WG880 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG940 SILABS-EFM32WG940 Datasheet
2Mb / 77P
   Operation from backup battery when main power drains out
EFM32WG332 SILABS-EFM32WG332 Datasheet
2Mb / 76P
   Operation from backup battery when main power drains out
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG995 SILABS-EFM32WG995 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com