Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32WG232F256-QFP64 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # EFM32WG232F256-QFP64
Description  Configurable peripheral I/O locations
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32WG232F256-QFP64 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button EFM32WG232F256-QFP64 Datasheet HTML 6Page - Silicon Laboratories EFM32WG232F256-QFP64 Datasheet HTML 7Page - Silicon Laboratories EFM32WG232F256-QFP64 Datasheet HTML 8Page - Silicon Laboratories EFM32WG232F256-QFP64 Datasheet HTML 9Page - Silicon Laboratories EFM32WG232F256-QFP64 Datasheet HTML 10Page - Silicon Laboratories EFM32WG232F256-QFP64 Datasheet HTML 11Page - Silicon Laboratories EFM32WG232F256-QFP64 Datasheet HTML 12Page - Silicon Laboratories EFM32WG232F256-QFP64 Datasheet HTML 13Page - Silicon Laboratories EFM32WG232F256-QFP64 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
...the world's most energy friendly microcontrollers
2014-06-13 - EFM32WG232FXX - d0186_Rev1.40
10
www.silabs.com
3.3.2 Environmental
Table 3.3. Environmental
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VESDHBM
ESD (Human Body
Model HBM)
TAMB=25°C
2000
V
VESDCDM
ESD (Charged De-
vice Model, CDM)
TAMB=25°C
750
V
Latch-up sensitivity passed: ±100 mA/1.5 × VSUPPLY(max) according to JEDEC JESD 78 method Class
II, 85°C.
3.4 Current Consumption
Table 3.4. Current Consumption
Symbol
Parameter
Condition
Min
Typ
Max
Unit
48 MHz HFXO, all peripheral
clocks disabled, VDD= 3.0 V,
TAMB=25°C
225
236
µA/
MHz
48 MHz HFXO, all peripheral
clocks disabled, VDD= 3.0 V,
TAMB=85°C
225
µA/
MHz
28 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=25°C
226
238
µA/
MHz
28 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=85°C
227
µA/
MHz
21 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=25°C
228
240
µA/
MHz
21 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=85°C
229
µA/
MHz
14 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=25°C
230
243
µA/
MHz
14 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=85°C
231
µA/
MHz
11 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=25°C
232
245
µA/
MHz
11 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=85°C
233
µA/
MHz
6.6 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=25°C
238
250
µA/
MHz
IEM0
EM0 current. No
prescaling. Running
prime number cal-
culation code from
Flash. (Production
test condition = 14
MHz)
6.6 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V,
TAMB=85°C
238
µA/
MHz


Similar Part No. - EFM32WG232F256-QFP64

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG232F256-QFP64 SILABS-EFM32WG232F256-QFP64 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
More results

Similar Description - EFM32WG232F256-QFP64

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG990 SILABS-EFM32GG990 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32GG895 SILABS-EFM32GG895 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32GG980 SILABS-EFM32GG980 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32LG295 SILABS-EFM32LG295 Datasheet
2Mb / 82P
   Configurable peripheral I/O locations
EFM32GG940 SILABS-EFM32GG940 Datasheet
1Mb / 73P
   Configurable peripheral I/O locations
EFM32TG225 SILABS-EFM32TG225 Datasheet
2Mb / 66P
   Configurable peripheral I/O locations
EFM32TG842 SILABS-EFM32TG842 Datasheet
2Mb / 69P
   Configurable peripheral I/O locations
EFM32TG822 SILABS-EFM32TG822 Datasheet
2Mb / 68P
   Configurable peripheral I/O locations
EFM32ZG108 SILABS-EFM32ZG108 Datasheet
1Mb / 54P
   Configurable peripheral I/O locations
EFM32TG222 SILABS-EFM32TG222 Datasheet
2Mb / 66P
   Configurable peripheral I/O locations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com