Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32TG222 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # EFM32TG222
Description  Configurable peripheral I/O locations
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32TG222 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button EFM32TG222 Datasheet HTML 2Page - Silicon Laboratories EFM32TG222 Datasheet HTML 3Page - Silicon Laboratories EFM32TG222 Datasheet HTML 4Page - Silicon Laboratories EFM32TG222 Datasheet HTML 5Page - Silicon Laboratories EFM32TG222 Datasheet HTML 6Page - Silicon Laboratories EFM32TG222 Datasheet HTML 7Page - Silicon Laboratories EFM32TG222 Datasheet HTML 8Page - Silicon Laboratories EFM32TG222 Datasheet HTML 9Page - Silicon Laboratories EFM32TG222 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
...the world's most energy friendly microcontrollers
2015-03-06 - EFM32TG222FXX - d0051_Rev1.40
6
www.silabs.com
2.1.19 Voltage Comparator (VCMP)
The Voltage Supply Comparator is used to monitor the supply voltage from software. An interrupt can
be generated when the supply falls below or rises above a programmable threshold. Response time and
thereby also the current consumption can be configured by altering the current supply to the comparator.
2.1.20 Analog to Digital Converter (ADC)
The ADC is a Successive Approximation Register (SAR) architecture, with a resolution of up to 12 bits
at up to one million samples per second. The integrated input mux can select inputs from 4 external
pins and 6 internal signals.
2.1.21 Digital to Analog Converter (DAC)
The Digital to Analog Converter (DAC) can convert a digital value to an analog output voltage. The DAC
is fully differential rail-to-rail, with 12-bit resolution. It has one single ended output buffer connected to
channel 0. The DAC may be used for a number of different applications such as sensor interfaces or
sound output.
2.1.22 Operational Amplifier (OPAMP)
The EFM32TG222 features 3 Operational Amplifiers. The Operational Amplifier is a versatile general
purpose amplifier with rail-to-rail differential input and rail-to-rail single ended output. The input can be set
to pin, DAC or OPAMP, whereas the output can be pin, OPAMP or ADC. The current is programmable
and the OPAMP has various internal configurations such as unity gain, programmable gain using internal
resistors etc.
2.1.23 Low Energy Sensor Interface (LESENSE)
The Low Energy Sensor Interface (LESENSE
TM), is a highly configurable sensor interface with support
for up to 12 individually configurable sensors. By controlling the analog comparators and DAC, LESENSE
is capable of supporting a wide range of sensors and measurement schemes, and can for instance mea-
sure LC sensors, resistive sensors and capacitive sensors. LESENSE also includes a programmable
FSM which enables simple processing of measurement results without CPU intervention. LESENSE is
available in energy mode EM2, in addition to EM0 and EM1, making it ideal for sensor monitoring in
applications with a strict energy budget.
2.1.24 Advanced Encryption Standard Accelerator (AES)
The AES accelerator performs AES encryption and decryption with 128-bit or 256-bit keys. Encrypting or
decrypting one 128-bit data block takes 52 HFCORECLK cycles with 128-bit keys and 75 HFCORECLK
cycles with 256-bit keys. The AES module is an AHB slave which enables efficient access to the data
and key registers. All write accesses to the AES module must be 32-bit operations, i.e. 8- or 16-bit
operations are not supported.
2.1.25 General Purpose Input/Output (GPIO)
In the EFM32TG222, there are 37 General Purpose Input/Output (GPIO) pins, which are divided into
ports with up to 16 pins each. These pins can individually be configured as either an output or input. More
advanced configurations like open-drain, filtering and drive strength can also be configured individually
for the pins. The GPIO pins can also be overridden by peripheral pin connections, like Timer PWM
outputs or USART communication, which can be routed to several locations on the device. The GPIO
supports up to 16 asynchronous external pin interrupts, which enables interrupts from any pin on the
device. Also, the input value of a pin can be routed through the Peripheral Reflex System to other
peripherals.


Similar Part No. - EFM32TG222

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32TG222F16-D-QFP48 SILABS-EFM32TG222F16-D-QFP48 Datasheet
2Mb / 202P
   EFM32 Gecko Family
Rev. 2.11
EFM32TG222F16-QFP48 SILABS-EFM32TG222F16-QFP48 Datasheet
265Kb / 2P
   Updated specifications based on the results of additional silicon characterization.
EFM32TG222F16-QFP48 SILABS-EFM32TG222F16-QFP48 Datasheet
328Kb / 3P
   Updated specifications based on the results of additional silicon characterization
EFM32TG222F16-QFP48T SILABS-EFM32TG222F16-QFP48T Datasheet
328Kb / 3P
   Updated specifications based on the results of additional silicon characterization
EFM32TG222F32-D-QFP48 SILABS-EFM32TG222F32-D-QFP48 Datasheet
2Mb / 202P
   EFM32 Gecko Family
Rev. 2.11
More results

Similar Description - EFM32TG222

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG990 SILABS-EFM32GG990 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32GG895 SILABS-EFM32GG895 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32WG232 SILABS-EFM32WG232 Datasheet
1Mb / 75P
   Configurable peripheral I/O locations
EFM32GG980 SILABS-EFM32GG980 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32LG295 SILABS-EFM32LG295 Datasheet
2Mb / 82P
   Configurable peripheral I/O locations
EFM32GG940 SILABS-EFM32GG940 Datasheet
1Mb / 73P
   Configurable peripheral I/O locations
EFM32TG225 SILABS-EFM32TG225 Datasheet
2Mb / 66P
   Configurable peripheral I/O locations
EFM32TG842 SILABS-EFM32TG842 Datasheet
2Mb / 69P
   Configurable peripheral I/O locations
EFM32TG822 SILABS-EFM32TG822 Datasheet
2Mb / 68P
   Configurable peripheral I/O locations
EFM32ZG108 SILABS-EFM32ZG108 Datasheet
1Mb / 54P
   Configurable peripheral I/O locations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com