Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32PG1B200F128GM48-B0 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # EFM32PG1B200F128GM48-B0
Description  Industrial and factory automation
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32PG1B200F128GM48-B0 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button EFM32PG1B200F128GM48-B0 Datasheet HTML 2Page - Silicon Laboratories EFM32PG1B200F128GM48-B0 Datasheet HTML 3Page - Silicon Laboratories EFM32PG1B200F128GM48-B0 Datasheet HTML 4Page - Silicon Laboratories EFM32PG1B200F128GM48-B0 Datasheet HTML 5Page - Silicon Laboratories EFM32PG1B200F128GM48-B0 Datasheet HTML 6Page - Silicon Laboratories EFM32PG1B200F128GM48-B0 Datasheet HTML 7Page - Silicon Laboratories EFM32PG1B200F128GM48-B0 Datasheet HTML 8Page - Silicon Laboratories EFM32PG1B200F128GM48-B0 Datasheet HTML 9Page - Silicon Laboratories EFM32PG1B200F128GM48-B0 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
3.5 Counters/Timers and PWM
3.5.1 Timer/Counter (TIMER)
TIMER peripherals keep track of timing, count events, generate PWM outputs and trigger timed actions in other peripherals through the
PRS system. The core of each TIMER is a 16-bit counter with up to 4 compare/capture channels. Each channel is configurable in one
of three modes. In capture mode, the counter state is stored in a buffer at a selected input event. In compare mode, the channel output
reflects the comparison of the counter to a programmed threshold value. In PWM mode, the TIMER supports generation of pulse-width
modulation (PWM) outputs of arbitrary waveforms defined by the sequence of values written to the compare registers, with optional
dead-time insertion available in timer unit TIMER_0 only.
3.5.2 Real Time Counter and Calendar (RTCC)
The Real Time Counter and Calendar (RTCC) is a 32-bit counter providing timekeeping in all energy modes. The RTCC includes a
Binary Coded Decimal (BCD) calendar mode for easy time and date keeping. The RTCC can be clocked by any of the on-board oscilla-
tors with the exception of the AUXHFRCO, and it is capable of providing system wake-up at user defined instances. When receiving
frames, the RTCC value can be used for timestamping. The RTCC includes 128 bytes of general purpose data retention, allowing easy
and convenient data storage in all energy modes.
3.5.3 Low Energy Timer (LETIMER)
The unique LETIMER is a 16-bit timer that is available in energy mode EM2 Deep Sleep in addition to EM1 Sleep and EM0 Active. This
allows it to be used for timing and output generation when most of the device is powered down, allowing simple tasks to be performed
while the power consumption of the system is kept at an absolute minimum. The LETIMER can be used to output a variety of wave-
forms with minimal software intervention. The LETIMER is connected to the Real Time Counter and Calendar (RTCC), and can be con-
figured to start counting on compare matches from the RTCC.
3.5.4 Ultra Low Power Wake-up Timer (CRYOTIMER)
The CRYOTIMER is a 32-bit counter that is capable of running in all energy modes. It can be clocked by either the 32.768 kHz crystal
oscillator (LFXO), the 32.768 kHz RC oscillator (LFRCO), or the 1 kHz RC oscillator (ULFRCO). It can provide periodic Wakeup events
and PRS signals which can be used to wake up peripherals from any energy mode. The CRYOTIMER provides a wide range of inter-
rupt periods, facilitating flexible ultra-low energy operation.
3.5.5 Pulse Counter (PCNT)
The Pulse Counter (PCNT) peripheral can be used for counting pulses on a single input or to decode quadrature encoded inputs. The
clock for PCNT is selectable from either an external source on pin PCTNn_S0IN or from an internal timing reference, selectable from
among any of the internal oscillators, except the AUXHFRCO. The module may operate in energy mode EM0 Active, EM1 Sleep, EM2
Deep Sleep, and EM3 Stop.
3.5.6 Watchdog Timer (WDOG)
The watchdog timer can act both as an independent watchdog or as a watchdog synchronous with the CPU clock. It has windowed
monitoring capabilities, and can generate a reset or different interrupts depending on the failure mode of the system. The watchdog can
also monitor autonomous systems driven by PRS.
3.6 Communications and Other Digital Peripherals
3.6.1 Universal Synchronous/Asynchronous Receiver/Transmitter (USART)
The Universal Synchronous/Asynchronous Receiver/Transmitter is a flexible serial I/O module. It supports full duplex asynchronous
UART communication with hardware flow control as well as RS-485, SPI, MicroWire and 3-wire. It can also interface with devices sup-
porting:
• ISO7816 SmartCards
• IrDA
• I2S
EFM32PG1 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.31 | 5


Similar Part No. - EFM32PG1B200F128GM48-B0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32PG1B200F128GM48-C0 SILABS-EFM32PG1B200F128GM48-C0 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM32PG1B200F128GM48-C0R SILABS-EFM32PG1B200F128GM48-C0R Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFM32PG1B200F128GM48-B0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
   Process Control and Factory Automation
logo
Amphenol Corporation
P29045 AMPHENOL-P29045 Datasheet
14Mb / 28P
   FACTORY AUTOMATION POWER AND CONTROL MEDIA
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Bel Fuse Inc.
LDN481 BEL-LDN481 Datasheet
540Kb / 4P
   Industrial automation
logo
Silicon Laboratories
SI871X SILABS-SI871X Datasheet
1Mb / 35P
   Industrial automation
logo
EDA Technology Co.,LTD
ED-CM4IND10-0232-4C-I EDATEC-ED-CM4IND10-0232-4C-I Datasheet
2Mb / 5P
   Industrial Computer for IoT, Industrial Control and Automation
logo
Hirose Electric
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC Datasheet
1Mb / 8P
   Interface Connectors for Factory Automation Network
HR31 HIROSE-HR31 Datasheet
242Kb / 6P
   Interface Connectors for Factory Automation Network
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC_1 Datasheet
265Kb / 7P
   Interface Connectors for Factory Automation Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com