Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23870-A3132-K100 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # V23870-A3132-K100
Description  Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23870-A3132-K100 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button V23870-A3132-K100 Datasheet HTML 4Page - Infineon Technologies AG V23870-A3132-K100 Datasheet HTML 5Page - Infineon Technologies AG V23870-A3132-K100 Datasheet HTML 6Page - Infineon Technologies AG V23870-A3132-K100 Datasheet HTML 7Page - Infineon Technologies AG V23870-A3132-K100 Datasheet HTML 8Page - Infineon Technologies AG V23870-A3132-K100 Datasheet HTML 9Page - Infineon Technologies AG V23870-A3132-K100 Datasheet HTML 10Page - Infineon Technologies AG V23870-A3132-K100 Datasheet HTML 11Page - Infineon Technologies AG V23870-A3132-K100 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
V23870-Ax131-xx00
V23870-Ax132-xx00
Technical Data
Data Sheet
8
2003-06-13
Receiver Electro-Optical Characteristics
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Receiving Wavelength Range
λR
1480
1600
nm
Sensitivity (Average Power)1)
PIN
–30
dBm
Saturation (Average Power)
PSAT
–3.0
dBm
Signal Detect Assert Level2)
PSDA
–30.5
dBm
Signal Detect Deassert Level3)
PSDD
–41
dBm
Signal Detect Hysteresis
PSDA
PSDD
0.5
4
6
dB
PECL Data Voltage Out High4)
VOH-VCC
-1.200
-0.820
V
PECL Data Voltage Out Low4)
VOL-VCC
-1.900
-1.580
V
TTL Data Voltage Out High5)
VOH-VCC
2.4
Vcc
V
TTL Data Voltage Out Low4)
VOL-VCC
Vee
0.5
V
Data Output Differential
Voltage6)
VDIFF
0.5
0.8
0.93
V
Signal Detect Assert Time
tASS
100
µs
Signal Detect Deassert Time
tDAS
350
µs
Rise/Fall Time (20% - 80%)
tR, tF
1.5
ns
S/X Ratio
SX
10
dB
Max. Rx Supply Current7)
IRX
60
130
mA
1)
Minimum average optical power at which the BER is less than1x10E–10. Measured with a 1023–1 NRZ PRBS
as recommended by ANSI T1E1.2, SONET OC-3, and ITU-T G.957.
2)
An increase in optical power above the specified level will cause the Signal Detect output to switch from a low
state to a high state.
3)
A decrease in optical power below the specified level will cause the Signal Detect to change from a high state
to a low state.
4)
DC coupling for data with load of 50
Ω to Vcc-2V
5)
DC coupling for data with load of 50
6)
AC coupling for data. Load 50
Ω to GND or 100 Ω differential. For dynamic measurement a tolerance of 50 mV
should be added.
7)
Supply current excluding Rx output load.


Similar Part No. - V23870-A3132-K100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A2111-A100 INFINEON-V23870-A2111-A100 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-A200 INFINEON-V23870-A2111-A200 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-A500 INFINEON-V23870-A2111-A500 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-A600 INFINEON-V23870-A2111-A600 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-B100 INFINEON-V23870-A2111-B100 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
More results

Similar Description - V23870-A3132-K100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A2111-A100 INFINEON-V23870-A2111-A100 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
logo
Optoway Technology Inc
BTRS-3720G OPTOWAY-BTRS-3720G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3680G OPTOWAY-BTRS-3680G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3740G OPTOWAY-BTRS-3740G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3620G OPTOWAY-BTRS-3620G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3660G OPTOWAY-BTRS-3660G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3780G OPTOWAY-BTRS-3780G_09 Datasheet
141Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3740G OPTOWAY-BTRS-3740G Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com