Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32LG842F256G-E-QFP64 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # EFM32LG842F256G-E-QFP64
Description  Output state retention and wake-up from Shutoff Mode
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32LG842F256G-E-QFP64 Datasheet(HTML) 3 Page - Silicon Laboratories

  EFM32LG842F256G-E-QFP64 Datasheet HTML 1Page - Silicon Laboratories EFM32LG842F256G-E-QFP64 Datasheet HTML 2Page - Silicon Laboratories EFM32LG842F256G-E-QFP64 Datasheet HTML 3Page - Silicon Laboratories EFM32LG842F256G-E-QFP64 Datasheet HTML 4Page - Silicon Laboratories EFM32LG842F256G-E-QFP64 Datasheet HTML 5Page - Silicon Laboratories EFM32LG842F256G-E-QFP64 Datasheet HTML 6Page - Silicon Laboratories EFM32LG842F256G-E-QFP64 Datasheet HTML 7Page - Silicon Laboratories EFM32LG842F256G-E-QFP64 Datasheet HTML 8Page - Silicon Laboratories EFM32LG842F256G-E-QFP64 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
...the world's most energy friendly microcontrollers
2014-06-13 - EFM32LG842FXX - d0116_Rev1.30
3
www.silabs.com
2 System Summary
2.1 System Introduction
The EFM32 MCUs are the world’s most energy friendly microcontrollers. With a unique combination of
the powerful 32-bit ARM Cortex-M3, innovative low energy techniques, short wake-up time from ener-
gy saving modes, and a wide selection of peripherals, the EFM32LG microcontroller is well suited for
any battery operated application as well as other systems requiring high performance and low-energy
consumption. This section gives a short introduction to each of the modules in general terms and also
shows a summary of the configuration for the EFM32LG842 devices. For a complete feature set and in-
depth information on the modules, the reader is referred to the EFM32LG Reference Manual.
A block diagram of the EFM32LG842 is shown in Figure 2.1 (p. 3) .
Figure 2.1. Block Diagram
Clock Managem ent
Energy Managem ent
Serial Int erfaces
I/ O Port s
Core and Mem ory
Tim ers and Triggers
Analog Int erfaces
Securit y
32- bit bus
Peripheral Reflex Syst em
ARM Cort ex- M3 processor
Flash
Program
Mem ory
LESENSE
High Freq
RC
Oscillat or
High Freq.
Cryst al
Oscillat or
Tim er/
Count er
Low Energy
Tim er
Pulse
Count er
Real Tim e
Count er
Low Freq.
Cryst al
Oscillat or
Low Freq.
RC
Oscillat or
Wat chdog
Tim er
RAM
Mem ory
General
Purpose
I/ O
Mem ory
Prot ect ion
Unit
DMA
Cont roller
Debug
Int erface
w/ ETM
Ex t ernal
Int errupt s
Pin
Reset
Hardware
AES
LG842F64/ 128/ 256
LCD
Cont roller
ADC
DAC
Analog
Com parat or
Operat ional
Am plifier
USART
Low
Energy
UART
I 2C
Power- on
Reset
Volt age
Regulat or
Back- up
Power
Dom ain
Volt age
Com parat or
Brown- out
Det ect or
Back- up
RTC
Pin
Wakeup
Ult ra Low Freq.
RC
Oscillat or
Aux High Freq.
RC
Oscillat or
2.1.1 ARM Cortex-M3 Core
The ARM Cortex-M3 includes a 32-bit RISC processor which can achieve as much as 1.25 Dhrystone
MIPS/MHz. A Memory Protection Unit with support for up to 8 memory segments is included, as well
as a Wake-up Interrupt Controller handling interrupts triggered while the CPU is asleep. The EFM32
implementation of the Cortex-M3 is described in detail in EFM32 Cortex-M3 Reference Manual.
2.1.2 Debug Interface (DBG)
This device includes hardware debug support through a 2-pin serial-wire debug interface and an Embed-
ded Trace Module (ETM) for data/instruction tracing. In addition there is also a 1-wire Serial Wire Viewer
pin which can be used to output profiling information, data trace and software-generated messages.
2.1.3 Memory System Controller (MSC)
The Memory System Controller (MSC) is the program memory unit of the EFM32LG microcontroller. The
flash memory is readable and writable from both the Cortex-M3 and DMA. The flash memory is divided


Similar Part No. - EFM32LG842F256G-E-QFP64

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG842F256G-F-QFP64 SILABS-EFM32LG842F256G-F-QFP64 Datasheet
5Mb / 469P
   EFM32 Leopard Gecko Family
Rev. 2.40
More results

Similar Description - EFM32LG842F256G-E-QFP64

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG232 SILABS-EFM32LG232 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32TG840 SILABS-EFM32TG840 Datasheet
2Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG280 SILABS-EFM32WG280 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32WG290 SILABS-EFM32WG290 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32ZG222 SILABS-EFM32ZG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32LG880 SILABS-EFM32LG880 Datasheet
2Mb / 85P
   Output state retention and wake-up from Shutoff Mode
EFM32GG942 SILABS-EFM32GG942 Datasheet
1Mb / 74P
   Output state retention and wake-up from Shutoff Mode
EFM32HG222 SILABS-EFM32HG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG330 SILABS-EFM32WG330 Datasheet
1Mb / 76P
   Output state retention and wake-up from Shutoff Mode
EFM32LG360 SILABS-EFM32LG360 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32HG210 SILABS-EFM32HG210 Datasheet
1Mb / 69P
   Output state retention and wake-up from Shutoff Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com