Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32LG290F128G-E-BGA112 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # EFM32LG290F128G-E-BGA112
Description  Memory Protection Unit
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32LG290F128G-E-BGA112 Datasheet(HTML) 4 Page - Silicon Laboratories

  EFM32LG290F128G-E-BGA112 Datasheet HTML 1Page - Silicon Laboratories EFM32LG290F128G-E-BGA112 Datasheet HTML 2Page - Silicon Laboratories EFM32LG290F128G-E-BGA112 Datasheet HTML 3Page - Silicon Laboratories EFM32LG290F128G-E-BGA112 Datasheet HTML 4Page - Silicon Laboratories EFM32LG290F128G-E-BGA112 Datasheet HTML 5Page - Silicon Laboratories EFM32LG290F128G-E-BGA112 Datasheet HTML 6Page - Silicon Laboratories EFM32LG290F128G-E-BGA112 Datasheet HTML 7Page - Silicon Laboratories EFM32LG290F128G-E-BGA112 Datasheet HTML 8Page - Silicon Laboratories EFM32LG290F128G-E-BGA112 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
...the world's most energy friendly microcontrollers
2014-06-13 - EFM32LG290FXX - d0108_Rev1.30
4
www.silabs.com
into two blocks; the main block and the information block. Program code is normally written to the main
block. Additionally, the information block is available for special user data and flash lock bits. There is
also a read-only page in the information block containing system and device calibration data. Read and
write operations are supported in the energy modes EM0 and EM1.
2.1.4 Direct Memory Access Controller (DMA)
The Direct Memory Access (DMA) controller performs memory operations independently of the CPU.
This has the benefit of reducing the energy consumption and the workload of the CPU, and enables
the system to stay in low energy modes when moving for instance data from the USART to RAM or
from the External Bus Interface to a PWM-generating timer. The DMA controller uses the PL230 µDMA
controller licensed from ARM.
2.1.5 Reset Management Unit (RMU)
The RMU is responsible for handling the reset functionality of the EFM32LG.
2.1.6 Energy Management Unit (EMU)
The Energy Management Unit (EMU) manage all the low energy modes (EM) in EFM32LG microcon-
trollers. Each energy mode manages if the CPU and the various peripherals are available. The EMU
can also be used to turn off the power to unused SRAM blocks.
2.1.7 Clock Management Unit (CMU)
The Clock Management Unit (CMU) is responsible for controlling the oscillators and clocks on-board
the EFM32LG. The CMU provides the capability to turn on and off the clock on an individual basis to all
peripheral modules in addition to enable/disable and configure the available oscillators. The high degree
of flexibility enables software to minimize energy consumption in any specific application by not wasting
power on peripherals and oscillators that are inactive.
2.1.8 Watchdog (WDOG)
The purpose of the watchdog timer is to generate a reset in case of a system failure, to increase appli-
cation reliability. The failure may e.g. be caused by an external event, such as an ESD pulse, or by a
software failure.
2.1.9 Peripheral Reflex System (PRS)
The Peripheral Reflex System (PRS) system is a network which lets the different peripheral module
communicate directly with each other without involving the CPU. Peripheral modules which send out
Reflex signals are called producers. The PRS routes these reflex signals to consumer peripherals which
apply actions depending on the data received. The format for the Reflex signals is not given, but edge
triggers and other functionality can be applied by the PRS.
2.1.10 External Bus Interface (EBI)
The External Bus Interface provides access to external parallel interface devices such as SRAM, FLASH,
ADCs and LCDs. The interface is memory mapped into the address bus of the Cortex-M3. This enables
seamless access from software without manually manipulating the IO settings each time a read or write
is performed. The data and address lines are multiplexed in order to reduce the number of pins required
to interface the external devices. The timing is adjustable to meet specifications of the external devices.
The interface is limited to asynchronous devices.
2.1.11 TFT Direct Drive
The EBI contains a TFT controller which can drive a TFT via a 565 RGB interface. The TFT controller
supports programmable display and port sizes and offers accurate control of frequency and setup and
hold timing. Direct Drive is supported for TFT displays which do not have their own frame buffer. In


Similar Part No. - EFM32LG290F128G-E-BGA112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG290F128G-F-BGA112 SILABS-EFM32LG290F128G-F-BGA112 Datasheet
5Mb / 469P
   EFM32 Leopard Gecko Family
Rev. 2.40
More results

Similar Description - EFM32LG290F128G-E-BGA112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32G800 SILABS-EFM32G800 Datasheet
410Kb / 22P
   Memory Protection Unit
EFM32GG280 SILABS-EFM32GG280 Datasheet
2Mb / 78P
   Memory Protection Unit
EFM32LG900 SILABS-EFM32LG900 Datasheet
477Kb / 27P
   Memory Protection Unit
EFM32GG290 SILABS-EFM32GG290 Datasheet
2Mb / 78P
   Memory Protection Unit
EFM32GG230 SILABS-EFM32GG230 Datasheet
1Mb / 70P
   Memory Protection Unit
EFM32GG900 SILABS-EFM32GG900 Datasheet
485Kb / 27P
   Memory Protection Unit
logo
Dynex Semiconductor
MA31751 DYNEX-MA31751 Datasheet
160Kb / 17P
   Memory Management & Block Protection Unit
logo
List of Unclassifed Man...
BH32T-C ETC1-BH32T-C Datasheet
59Kb / 1P
   MEMORY PROTECTION DEVICES
logo
Silicon Laboratories
EFM32LG330 SILABS-EFM32LG330 Datasheet
1Mb / 66P
   High Performance 32-bit processor up to 48 MHz memory Protection Unit
logo
Motorola, Inc
MC68851 MOTOROLA-MC68851 Datasheet
1Mb / 47P
   32-Bit Paged Memory Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com