Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23870-A1132-K100 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # V23870-A1132-K100
Description  Bi-Directional Pigtail SFF Transceiver 155 Mbit/s, 1310 nm Tx / 1550 nm Rx
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

V23870-A1132-K100 Datasheet(HTML) 1 Page - Infineon Technologies AG

  V23870-A1132-K100 Datasheet HTML 1Page - Infineon Technologies AG V23870-A1132-K100 Datasheet HTML 2Page - Infineon Technologies AG V23870-A1132-K100 Datasheet HTML 3Page - Infineon Technologies AG V23870-A1132-K100 Datasheet HTML 4Page - Infineon Technologies AG V23870-A1132-K100 Datasheet HTML 5Page - Infineon Technologies AG V23870-A1132-K100 Datasheet HTML 6Page - Infineon Technologies AG V23870-A1132-K100 Datasheet HTML 7Page - Infineon Technologies AG V23870-A1132-K100 Datasheet HTML 8Page - Infineon Technologies AG V23870-A1132-K100 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
1
2003-06-13
Bi-Directional Pigtail SFF Transceiver
155 Mbit/s, 1310 nm Tx / 1550 nm Rx
V23870-Ax131-xx00
V23870-Ax132-xx00
Fiber Optics
For ordering information see next page.
This BIDI®-TRX is a bi-directional Small Form Factor
(SFF)
transceiver
designed
for
full-duplex
communication over a single fiber. The single fiber
concept saves overall system costs by eliminating
one fiber, allowing for doubling of capacity without
installing
new
fibers,
and
simplifying
fiber
management.
Features
• Single fiber solution saving overall system cost
• Suitable for data rates up to 155 Mbit/s
• Single mode fiber pigtail with different connector options
• Industry standard 2x5 SFF MSA footprint
• Integrated WDM filter for dual wavelength Tx/Rx operation at 1310/1550 nm
• 1310 nm FP laser diode transmitter with laser driver
• 1550 nm PIN diode receiver with pre- and post-amplifier
• 3.3 V power supply
• Class 1 laser product
Applications
• Access Networks, e.g. media converters for Fiber-In-The-Loop (FITL), Point-to-Point
(P2P), and Passive Optical Networks (PON)
• Inter-system communication between Servers, Switches, Routers, Add-Drop-
Multiplexers, Cross Connects, etc. in Central Offices, Data Storage Networks, High
Speed Server Farms, etc.
• Digital Video and Closed Circuit Television (CCTV) applications for Transport, Traffic,
and Security


Similar Part No. - V23870-A1132-K100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A2111-A100 INFINEON-V23870-A2111-A100 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-A200 INFINEON-V23870-A2111-A200 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-A500 INFINEON-V23870-A2111-A500 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-A600 INFINEON-V23870-A2111-A600 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
V23870-A2111-B100 INFINEON-V23870-A2111-B100 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
More results

Similar Description - V23870-A1132-K100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23870-A2111-A100 INFINEON-V23870-A2111-A100 Datasheet
181Kb / 11P
   Bi-Directional Pigtail SFF Transceiver 155 Mb/s, 1310 nm Tx / 1310 nm Rx
JULY 2002
logo
Optoway Technology Inc
BTRS-3720G OPTOWAY-BTRS-3720G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G Datasheet
129Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3680G OPTOWAY-BTRS-3680G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3740G OPTOWAY-BTRS-3740G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3620G OPTOWAY-BTRS-3620G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3660G OPTOWAY-BTRS-3660G_09 Datasheet
129Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3760G OPTOWAY-BTRS-3760G_09 Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3780G OPTOWAY-BTRS-3780G_09 Datasheet
141Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
BTRS-3740G OPTOWAY-BTRS-3740G Datasheet
130Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps RoHS Compliant SFF Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com