Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH-0111 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # BH-0111
Description  Compact high speed fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BH-0111 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  BH-0111 Datasheet HTML 1Page - List of Unclassifed Manufacturers BH-0111 Datasheet HTML 2Page - List of Unclassifed Manufacturers BH-0111 Datasheet HTML 3Page - List of Unclassifed Manufacturers BH-0111 Datasheet HTML 4Page - List of Unclassifed Manufacturers BH-0111 Datasheet HTML 5Page - List of Unclassifed Manufacturers BH-0111 Datasheet HTML 6Page - List of Unclassifed Manufacturers BH-0111 Datasheet HTML 7Page - List of Unclassifed Manufacturers BH-0111 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Technical Data 10414
Effective October 2015
Compact high speed fuses
Eaton.com/bussmannseries
AC peak let-through
100
1000
10,000
100,000
100100010,000100,000
Prospective short-circuit current RMS Sym.
CHSF-400
CHSF-300
CHSF-200
CHSF-100
CHSF-50
A
B


Similar Part No. - BH-0111

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH-01 ADAM-TECH-BH-01 Datasheet
164Kb / 1P
   BATTERY HOLDERS AA SINGLE & MULTIPLE CELLS
BH-01-1 ADAM-TECH-BH-01-1 Datasheet
80Kb / 1P
   BATTERY HOLDER
BH-01-2 ADAM-TECH-BH-01-2 Datasheet
77Kb / 1P
   BATTERY HOLDER
BH-01-3 ADAM-TECH-BH-01-3 Datasheet
77Kb / 1P
   BATTERY HOLDER
BH-01-4 ADAM-TECH-BH-01-4 Datasheet
78Kb / 1P
   BATTERY HOLDER
More results

Similar Description - BH-0111

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CHSF-50 COOPER-CHSF-50 Datasheet
1Mb / 8P
   Compact high speed fuses ??500Vac/dc, 50-400A
FWA COOPER-FWA Datasheet
750Kb / 20P
   High Speed Fuses
1302-C001-AA COOPER-1302-C001-AA Datasheet
150Kb / 20P
   High Speed Fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
   High Speed Fuses
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
FWH EATON-FWH Datasheet
619Kb / 2P
   FWH 6x32mm high speed ferrule fuses
logo
Littelfuse
L50QS LITTELFUSE-L50QS Datasheet
911Kb / 12P
   L50QS SERIES HIGH-SPEED ROUND BODY FUSES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com