Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B88069X2250S102 Datasheet(PDF) 1 Page - TDK Electronics

Part # B88069X2250S102
Description  Surge Arrester
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B88069X2250S102 Datasheet(HTML) 1 Page - TDK Electronics

  B88069X2250S102 Datasheet HTML 1Page - TDK Electronics B88069X2250S102 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surge Arrester
A81-A230X
2-Electrode-Arrester
Ordering code: B88069X2250S102
AB E / AB PM
Issue 06, 19.08.2002
Page 1 of 2
DC spark-over voltage 1) 2)
230
± 20
V
%
Impulse spark-over voltage
at 100 V/µs
- for 99 % of measured values
- typical values of distribution
at 1 kV/µs
- for 99 % of measured values
- typical values of distribution
< 500
< 450
< 650
< 550
V
V
V
V
Nominal impulse discharge current (wave 8/20 µs)
Single impulse discharge current
(wave 8/20 µs)
20
25
kA
kA
Nominal alternating discharge current (50 Hz, 1 s)
Alternating discharge current (50 Hz, 9 cycles)
20
100
A
A
Service life, alternating polarity
300 operations
10/1000 µs
100
A
Insulation resistance at 100 Vdc
> 10
G
Capacitance at 1 MHz
< 1.5
pF
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 15
~ 0.5
~ 60
V
A
V
Weight
~ 1.5
g
Operation and storage temperature
-40 ... +90
°C
Climatic category (IEC 60068-1)
40/ 90/ 21
Marking, blue
230 YY O
230
- Nominal voltage
YY
- Year of production
O
- Non radioactive
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
Terms and tests in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845


Similar Part No. - B88069X2250S102

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X2250S102 EPCOS-B88069X2250S102 Datasheet
19Kb / 2P
   2-Electrode-Arrester
B88069X2250S102 EPCOS-B88069X2250S102 Datasheet
83Kb / 2P
   2-Electrode-Arrester
More results

Similar Description - B88069X2250S102

ManufacturerPart #DatasheetDescription
logo
EPCOS
A61-A350XF EPCOS-A61-A350XF_1 Datasheet
84Kb / 2P
   Surge Arrester
B88069X1640T902 EPCOS-B88069X1640T902 Datasheet
136Kb / 5P
   Surge arrester
logo
Rosenberger Hochfrequen...
53BK565-S090N1 ROSENBERGER-53BK565-S090N1 Datasheet
126Kb / 2P
   SURGE ARRESTER
logo
EPCOS
T30-A350X EPCOS-T30-A350X Datasheet
53Kb / 4P
   Surge arrester
B88069X9731T303 EPCOS-B88069X9731T303 Datasheet
124Kb / 4P
   Surge arrester
logo
List of Unclassifed Man...
2301-08-B ETC1-2301-08-B Datasheet
1Mb / 1P
   SURGE ARRESTER
logo
Rosenberger Hochfrequen...
60BK565-K090N1 ROSENBERGER-60BK565-K090N1 Datasheet
127Kb / 2P
   Surge Arrester
logo
EPCOS
B88069X0720S102 EPCOS-B88069X0720S102 Datasheet
124Kb / 4P
   Surge arrester
B88069X0880S102 EPCOS-B88069X0880S102 Datasheet
124Kb / 4P
   Surge arrester
M51C90XG EPCOS-M51C90XG Datasheet
54Kb / 4P
   Surge arrester
EC90X EPCOS-EC90X Datasheet
124Kb / 4P
   Surge arrester
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com