Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2017-09 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2017-09
Description  Gas Discharge Tube Surge Arrestor with FLAT짰 Technology
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2017-09 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2017-09 Datasheet HTML 1Page - Bourns Electronic Solutions 2017-09 Datasheet HTML 2Page - Bourns Electronic Solutions 2017-09 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
09/15
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
2017 Series Gas Discharge Tube Surge Arrestor with FLAT® Technology
Model 2017-xx-SMC-RPLF: The standard tape and reel packaging
contains 500 pieces per 13-inch reel.
Model 2017-xx-SMH-RPLF
and 2017-xx-A-RPLF:
The standard tape and reel packaging
contains 2,000 pieces per 13-inch reel.
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
2017-xx-SMC-RPLF
2017-xx-SMH-RPLF
2017-xx-A-RPLF
330
(12.992)
2.2 ± 0.5
(.087 ± .020)
13.0 ± 0.2
(.512 ± .008)
100 ± 1.0
(3.937 ± .039)
16.5 ± 0.1
(.650 ± .004)
20.2 ± 1.0
(.795 ± .039)
8.90 +0.20 /-0.05
(.350 +.008/-.002)
8.90 +0.20 /-0.05
(.350 +.008/-.002)
9.05 +0.20 /-0.05
(.356 +.008/-.002)
0.65 ± 0.10
(.026 ± .004)
2.00 ± 0.10
(.079 ± .004)
12.00 ± 0.10
(.472 ± .004)
4.00 ± 0.10
(.157 ± .004)
1.75 +0.10/-0.00
(.069 +.004/-.000)
1.50 +0.10/-0.05
(.059 +.004/-.002)
DIA.
7.50 ± 0.10
(.295 ± .004)
16.00 ± 0.30
(.630 ± .012)
1.79 ± 0.20
(.070 ± .008)
4.38 ± 0.15
(.173 ± .006)
8.77 ± 0.15
(.345 ± .006)
5.28 ± 0.20
(.208 ± .008)
5.33 ± 0.10
(.210 ± .004)
2.79 ± 0.20
(.110 ± .008)
1.50 +0.10
(.059 + .004)
DIA.
60 °
60 °
85 °
10.99 ± 0.20
(.433 ± .008)
3.30 ± 0.20
(.130 ± .008)
1.50 ± 0.10
(.059 ± .004)
DIA.
8.30 ± 0.05
(.327 ± .002)
DIA.
2.00 ± 0.10
(.079 ± .004)
2.85 +0.10/-0.05
(.112 +.004/-.002)
0.40 ± 0.10
(.016 ± .004)
4.00 ± 0.10
(.157 ± .004)
12.00 ± 0.10
(.472 ± .004)
1.75 +0.10/-0.00
(.069 +.004/-.000)
2.40 +0.25/-0.00
(.095 +.010/-.000)
2.55 +0.20/-0.05
(.100 +.008/-.002)
1.50 +0.10/-0.05
(.059 +.004/-.002)
DIA.
2.40 +0.25/-0.00
(.095 +.010/-.000)
93 °±2 °
8.50 ± 0.10
(.335 ± .004)
11.13 ± 0.10
(.438 ± .004)
16.00 ± 0.30
(.630 ± .012)
8.05 ± 0.10
(.317 ± .004)
11.03 ± 0.10
(.434 ± .004)
2.98 ± 0.10
(.117 ± .004)
10.38 ± 0.10
(.409 ± .004)


Similar Part No. - 2017-09

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2017-09-A-RPLF BOURNS-2017-09-A-RPLF Datasheet
534Kb / 3P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2017-09-SMC-RPLF BOURNS-2017-09-SMC-RPLF Datasheet
534Kb / 3P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2017-09-SMH-RPLF BOURNS-2017-09-SMH-RPLF Datasheet
534Kb / 3P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
More results

Similar Description - 2017-09

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2017-09-A-RPLF BOURNS-2017-09-A-RPLF Datasheet
534Kb / 3P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2018-09 BOURNS-2018-09 Datasheet
347Kb / 3P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2019 BOURNS-2019 Datasheet
590Kb / 4P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2018 BOURNS-2018 Datasheet
586Kb / 4P
   Gas Discharge Tube Surge Arrestor with FLAT Technology
2029-09-SMLF BOURNS-2029-09-SMLF_16 Datasheet
250Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
2029-09-SMLF BOURNS-2029-09-SMLF Datasheet
235Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
2029-XX-SMLF BOURNS-2029-XX-SMLF Datasheet
250Kb / 3P
   Heavy Duty Gas Discharge Tube Surge Arrestor
2055-23 BOURNS-2055-23 Datasheet
206Kb / 2P
   Gas Discharge Tube Surge Protector
2003-07 BOURNS-2003-07 Datasheet
429Kb / 3P
   Gas Discharge Tube Surge Protector
2051-09 BOURNS-2051-09_15 Datasheet
241Kb / 2P
   Gas Discharge Tube Surge Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com