Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2M801 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2M801
Description  SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2M801 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2M801 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2M801 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2M801 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2M801 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2M801 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2M801 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2M801 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2M801 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2M801 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
2M Series
SMALLER, LIGHTER-WEIGHT ALTERNATIVE
FOR D3899 PERFORMANCE
Amphenol 2M micro-miniature connectors are a small, light-
weight option for mil-spec performance that can withstand
harsh environments. They are quick-mating and a variety of
styles and options are available. For full product details, please
see our specifications below.
• Intermateable with Glenair® Mighty Mouse
• Headsets
• Tactical equipment
• Airframes
• Avionics boxes
• Handheld equiptment
APPLICATIONS
2M801
2M803
2M804
2M805
Type
Dual-Start ACME Thread
Bayonet
Push-Pull
Tri-Start ACME Thread
# of Contacts
1 to 130
1 to 55
1 to 55
1 to 130
Coupling Type
Threaded Coupling 1-1/2
turns to fully mate
1/4 Turn Lock Bayonet
Push-Pull Quick-Disconnect
Tri-Start Thread Ratched
Sealing
MIL-STD-810 Method 512
1 Meter for 1 Hour
Splashproof
MIL-STD-810 Method 512
1 Meter for 1 Hour
MIL-STD-810 Method 512
1 Meter for 1 Hour
EMI-Shielding
Good
Fair
Very Good
Excellent
Mating Cycles
2000 Cycles
250 Cycles Aluminum;
500 Cycles Stainless Steel
2000 Cycles
500 Cycles
Electrical Performance
Size 12: 23A, 1800 VAC
Size 16: 13A, 1800 VAC
Size 20: 7.5A, 750 VAC
Size 23: 5A, 500 VAC
Size 12: 23A, 1800 VAC
Size 16: 13A, 1800 VAC
Size 20: 7.5A, 750 VAC
Size 23: 5A, 500 VAC
Size 12: 23A, 1800 VAC
Size 16: 13A, 1800 VAC
Size 20: 7.5A, 750 VAC
Size 23: 5A, 500 VAC
Size 12: 23A, 1800 VAC
Size 16: 13A, 1800 VAC
Size 20: 7.5A, 750 VAC
Size 23: 5A, 500 VAC
Shock & Vibration
37 g’s Random Vibration;
300 g’s Shock
37 g’s Random Vibration;
300 g’s Shock
37 g’s Random Vibration;
300 g’s Shock
37 g’s Random Vibration;
300 g’s Shock


Similar Part No. - 2M801

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2M82Z TSC-2M82Z Datasheet
320Kb / 4P
   2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M82Z TSC-2M82Z Datasheet
629Kb / 4P
   2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M82Z TSC-2M82Z Datasheet
214Kb / 6P
   2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
Shenzhen Luguang Electr...
2M82Z LUGUANG-2M82Z Datasheet
4Mb / 4P
   2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
2M82Z LUGUANG-2M82Z Datasheet
4Mb / 4P
   2.0 Watts Glass Passivated JunctionSilicon Zener Diodes
More results

Similar Description - 2M801

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
URB6450 ULTRALIFE-URB6450 Datasheet
664Kb / 2P
   Significantly lighter weight for the same amount of energy
Rev: C
logo
ALPS ELECTRIC CO.,LTD.
RS08U ALPS-RS08U Datasheet
843Kb / 3P
   High precision space saving design helps smaller and lighter set
logo
STMicroelectronics
FLC02-200D STMICROELECTRONICS-FLC02-200D Datasheet
70Kb / 7P
   FIRE LIGHTER CIRCUIT
logo
SHENZHEN FUMAN ELECTRON...
FM7011GB FUMAN-FM7011GB Datasheet
236Kb / 4P
   Electronic cigarette lighter
logo
STMicroelectronics
FLC10-200H STMICROELECTRONICS-FLC10-200H Datasheet
54Kb / 7P
   FIRE LIGHTER CIRCUIT
CHARLIE STMICROELECTRONICS-CHARLIE Datasheet
76Kb / 3P
   CIGAR LIGHTER ADAPTER
FLC01-200D STMICROELECTRONICS-FLC01-200D Datasheet
57Kb / 7P
   FIRE LIGHTER CIRCUIT
FLC01-200X STMICROELECTRONICS-FLC01-200X Datasheet
115Kb / 8P
   FIRE LIGHTER CIRCUIT
FLC01-200H STMICROELECTRONICS-FLC01-200H Datasheet
128Kb / 8P
   FIRE LIGHTER CIRCUIT
April 2002 Ed: 6C
FLC01 STMICROELECTRONICS-FLC01 Datasheet
318Kb / 11P
   Fire lighter circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com