Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32HG350F64G-A-CSP36 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # EFM32HG350F64G-A-CSP36
Description  Output state retention and wake-up from Shutoff Mode
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32HG350F64G-A-CSP36 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button EFM32HG350F64G-A-CSP36 Datasheet HTML 4Page - Silicon Laboratories EFM32HG350F64G-A-CSP36 Datasheet HTML 5Page - Silicon Laboratories EFM32HG350F64G-A-CSP36 Datasheet HTML 6Page - Silicon Laboratories EFM32HG350F64G-A-CSP36 Datasheet HTML 7Page - Silicon Laboratories EFM32HG350F64G-A-CSP36 Datasheet HTML 8Page - Silicon Laboratories EFM32HG350F64G-A-CSP36 Datasheet HTML 9Page - Silicon Laboratories EFM32HG350F64G-A-CSP36 Datasheet HTML 10Page - Silicon Laboratories EFM32HG350F64G-A-CSP36 Datasheet HTML 11Page - Silicon Laboratories EFM32HG350F64G-A-CSP36 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2015-05-06 - EFM32HG350FXX - _Rev0.91
8
www.silabs.com
3 Electrical Characteristics
3.1 Test Conditions
3.1.1 Typical Values
The typical data are based on TAMB=25°C and VDD=3.0 V, as defined in Table 3.2 (p. 8), by simu-
lation and/or technology characterisation unless otherwise specified.
3.1.2 Minimum and Maximum Values
The minimum and maximum values represent the worst conditions of ambient temperature, supply volt-
age and frequencies, as defined in Table 3.2 (p. 8), by simulation and/or technology characterisa-
tion unless otherwise specified.
3.2 Absolute Maximum Ratings
The absolute maximum ratings are stress ratings, and functional operation under such conditions are
not guaranteed. Stress beyond the limits specified in Table 3.1 (p. 8) may affect the device reliability
or cause permanent damage to the device. Functional operating conditions are given in Table 3.2 (p.
8) .
Table 3.1. Absolute Maximum Ratings
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TSTG
Storage tempera-
ture range
-40
150
1
°C
TS
Maximum soldering
temperature
Latest IPC/JEDEC J-STD-020
Standard
260
°C
VDDMAX
External main sup-
ply voltage
0
3.8
V
VIOPIN
Voltage on any I/O
pin
-0.3
VDD+0.3 V
1Based on programmed devices tested for 10000 hours at 150ºC. Storage temperature affects retention of preprogrammed cal-
ibration values stored in flash. Please refer to the Flash section in the Electrical Characteristics for information on flash data re-
tention for different temperatures.
3.3 General Operating Conditions
3.3.1 General Operating Conditions
Table 3.2. General Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
TAMB
Ambient temperature range
-40
85
°C
VDDOP
Operating supply voltage
1.98
3.8
V
fAPB
Internal APB clock frequency
25
MHz
fAHB
Internal AHB clock frequency
25
MHz
3.3.2 Environmental
WLCSP devices can be handled and soldered using industry standard surface mount assembly tech-
niques. However, because WLCSP devices are essentially a piece of silicon and are not encapsulated


Similar Part No. - EFM32HG350F64G-A-CSP36

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32HG350F64G-C-CSP36 SILABS-EFM32HG350F64G-C-CSP36 Datasheet
2Mb / 169P
   EFM32 Happy Gecko Family
Rev. 2.40
More results

Similar Description - EFM32HG350F64G-A-CSP36

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG232 SILABS-EFM32LG232 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32TG840 SILABS-EFM32TG840 Datasheet
2Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG280 SILABS-EFM32WG280 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32WG290 SILABS-EFM32WG290 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32ZG222 SILABS-EFM32ZG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32LG880 SILABS-EFM32LG880 Datasheet
2Mb / 85P
   Output state retention and wake-up from Shutoff Mode
EFM32GG942 SILABS-EFM32GG942 Datasheet
1Mb / 74P
   Output state retention and wake-up from Shutoff Mode
EFM32HG222 SILABS-EFM32HG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG330 SILABS-EFM32WG330 Datasheet
1Mb / 76P
   Output state retention and wake-up from Shutoff Mode
EFM32LG360 SILABS-EFM32LG360 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32HG210 SILABS-EFM32HG210 Datasheet
1Mb / 69P
   Output state retention and wake-up from Shutoff Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com