Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3130D2DAPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3130D2DAPR
Description  Filter-Free Class-D Stereo Amplifier Family
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3130D2DAPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA3130D2DAPR Datasheet HTML 2Page - Texas Instruments TPA3130D2DAPR Datasheet HTML 3Page - Texas Instruments TPA3130D2DAPR Datasheet HTML 4Page - Texas Instruments TPA3130D2DAPR Datasheet HTML 5Page - Texas Instruments TPA3130D2DAPR Datasheet HTML 6Page - Texas Instruments TPA3130D2DAPR Datasheet HTML 7Page - Texas Instruments TPA3130D2DAPR Datasheet HTML 8Page - Texas Instruments TPA3130D2DAPR Datasheet HTML 9Page - Texas Instruments TPA3130D2DAPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
TPA3116D2, TPA3118D2, TPA3130D2
SLOS708E – APRIL 2012 – REVISED SEPTEMBER 2015
www.ti.com
6.4 Thermal Information
TPA3130D2
TPA3118D2
TPA3116D2
THERMAL METRIC(1)
DAP(2)
DAP(3)
DAD(4)
UNIT
32 PINS
32 PINS
32 PINS
RθJA
Junction-to-ambient thermal resistance
36
22
14
ψJT
Junction-to-top characterization parameter
0.4
0.3
1.2
°C/W
ψJB
Junction-to-board characterization parameter
5.9
4.7
5.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For the PCB layout please see the TPA3130D2EVM user guide.
(3)
For the PCB layout please see the TPA3118D2EVM user guide.
(4)
The heat sink drawing used for the thermal model data are shown in the application section, size: 14mm wide, 50mm long, 25mm high.
6.5 DC Electrical Characteristics
TA = 25°C, AVCC = PVCC = 12 V to 24 V, RL = 4 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Class-D output offset voltage (measured
| VOS |
VI = 0 V, Gain = 36 dB
1.5
15
mV
differentially)
SDZ = 2 V, No load or filter, PVCC = 12 V
20
35
ICC
Quiescent supply current
mA
SDZ = 2 V, No load or filter, PVCC = 24 V
32
50
SDZ = 0.8 V, No load or filter, PVCC = 12 V
<50
Quiescent supply current in shutdown
ICC(SD)
µA
mode
SDZ = 0.8 V, No load or filter, PVCC = 24 V
50
400
Drain-source on-state resistance,
rDS(on)
PVCC = 21 V, Iout = 500 mA, TJ = 25°C
120
m
Ω
measured pin to pin
R1 = 5.6 k
Ω, R2 = Open
19
20
21
dB
R1 = 20 k
Ω, R2 = 100 kΩ
25
26
27
G
Gain (BTL)
R1 = 39 k
Ω, R2 = 100 kΩ
31
32
33
dB
R1 = 47 k
Ω, R2 = 75 kΩ
35
36
37
R1 = 51 k
Ω, R2 = 51 kΩ
19
20
21
dB
R1 = 75 k
Ω, R2 = 47 kΩ
25
26
27
G
Gain (SLV)
R1 = 100 k
Ω, R2 = 39 kΩ
31
32
33
dB
R1 = 100 k
Ω, R2 = 16 kΩ
35
36
37
ton
Turn-on time
SDZ = 2 V
10
ms
tOFF
Turn-off time
SDZ = 0.8 V
2
µs
GVDD
Gate drive supply
IGVDD < 200 µA
6.4
6.9
7.4
V
Output voltage maximum under PLIMIT
VO
V(PLIMIT) = 2 V; VI = 1 Vrms
6.75
7.90
8.75
V
control
6.6 AC Electrical Characteristics
TA = 25°C, AVCC = PVCC = 12 V to 24 V, RL = 4 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
200 mVPP ripple at 1 kHz, Gain = 20 dB, Inputs AC-
KSVR
Power supply ripple rejection
–70
dB
coupled to GND
THD+N = 10%, f = 1 kHz, PVCC = 14.4 V
25
PO
Continuous output power
W
THD+N = 10%, f = 1 kHz, PVCC = 21 V
50
THD+N
Total harmonic distortion + noise
VCC = 21 V, f = 1 kHz, PO = 25 W (half-power)
0.1%
65
µV
Vn
Output integrated noise
20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB
–80
dBV
Crosstalk
VO = 1 Vrms, Gain = 20 dB, f = 1 kHz
–100
dB
Maximum output at THD+N < 1%, f = 1 kHz, Gain = 20 dB,
SNR
Signal-to-noise ratio
102
dB
A-weighted
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2


Similar Part No. - TPA3130D2DAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3130D2DAPR TI1-TPA3130D2DAPR Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3130D2DAPR TI-TPA3130D2DAPR Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Similar Description - TPA3130D2DAPR

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
   3W Stereo Filter-free Class-D Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com