Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32HG310 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # EFM32HG310
Description  Output state retention and wake-up from Shutoff Mode
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32HG310 Datasheet(HTML) 3 Page - Silicon Laboratories

  EFM32HG310 Datasheet HTML 1Page - Silicon Laboratories EFM32HG310 Datasheet HTML 2Page - Silicon Laboratories EFM32HG310 Datasheet HTML 3Page - Silicon Laboratories EFM32HG310 Datasheet HTML 4Page - Silicon Laboratories EFM32HG310 Datasheet HTML 5Page - Silicon Laboratories EFM32HG310 Datasheet HTML 6Page - Silicon Laboratories EFM32HG310 Datasheet HTML 7Page - Silicon Laboratories EFM32HG310 Datasheet HTML 8Page - Silicon Laboratories EFM32HG310 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2015-05-06 - EFM32HG310FXX - _Rev0.91
3
www.silabs.com
2 System Summary
2.1 System Introduction
The EFM32 MCUs are the world’s most energy friendly microcontrollers. With a unique combination
of the powerful 32-bit ARM Cortex-M0+, innovative low energy techniques, short wake-up time from
energy saving modes, and a wide selection of peripherals, the EFM32HG microcontroller is well suited
for any battery operated application as well as other systems requiring high performance and low-energy
consumption. This section gives a short introduction to each of the modules in general terms and also
shows a summary of the configuration for the EFM32HG310 devices. For a complete feature set and
in-depth information on the modules, the reader is referred to the EFM32HG Reference Manual.
A block diagram of the EFM32HG310 is shown in Figure 2.1 (p. 3) .
Figure 2.1. Block Diagram
Clock Managem ent
Energy Managem ent
Serial Int erfaces
I/ O Port s
Core and Mem ory
Tim ers and Triggers
3 2 - bit bus
Per ipher al Ref lex Syst em
ARM Cort ex ™ M0+ processor
Flash
Program
Mem ory
Pulse
Count er
Wat chdog
Tim er
RAM
Mem ory
General
Purpose
I/ O
Ex t ernal
Int errupt s
Pin
Reset
HG310F64/ F32
USART
I
2
C
Power- on
Reset
Volt age
Regulat or
Volt age
Com parat or
Brown- out
Det ect or
Tim er/
Count er
Real Tim e
Count er
Current
DAC
Low
Energy
UART™
Debug
Interface
w/ MTB
Low
Energy
USB
High Freq
Cryst al
Oscillat or
Low Freq
Cryst al
Oscillat or
Low Freq
RC
Oscillat or
Ult ra Low Freq
RC
Oscillat or
High Freq
RC
Oscillat or
48/ 24 MHz
Com m . RC
Oscillat or
Aux High
Freq RC
Oscillat or
Pin
Wakeup
Analog Int erfaces
ADC
Securit y
Hardware
AES
DMA
Cont roller
Analog
Com parat or
2.1.1 ARM Cortex-M0+ Core
The ARM Cortex-M0+ includes a 32-bit RISC processor which can achieve as much as 0.9 Dhrystone
MIPS/MHz. A Wake-up Interrupt Controller handling interrupts triggered while the CPU is asleep is in-
cluded as well. The EFM32 implementation of the Cortex-M0+ is described in detail in ARM Cortex-M0+
Devices Generic User Guide.
2.1.2 Debug Interface (DBG)
This device includes hardware debug support through a 2-pin serial-wire debug interface and a Micro
Trace Buffer (MTB) for data/instruction tracing.
2.1.3 Memory System Controller (MSC)
The Memory System Controller (MSC) is the program memory unit of the EFM32HG microcontroller.
The flash memory is readable and writable from both the Cortex-M0+ and DMA. The flash memory is
divided into two blocks; the main block and the information block. Program code is normally written to
the main block. Additionally, the information block is available for special user data and flash lock bits.


Similar Part No. - EFM32HG310

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32HG310F32G-C-QFN32 SILABS-EFM32HG310F32G-C-QFN32 Datasheet
2Mb / 169P
   EFM32 Happy Gecko Family
Rev. 2.40
EFM32HG310F32N-C-QFN32 SILABS-EFM32HG310F32N-C-QFN32 Datasheet
2Mb / 169P
   EFM32 Happy Gecko Family
Rev. 2.40
EFM32HG310F64G-C-QFN32 SILABS-EFM32HG310F64G-C-QFN32 Datasheet
2Mb / 169P
   EFM32 Happy Gecko Family
Rev. 2.40
EFM32HG310F64N-C-QFN32 SILABS-EFM32HG310F64N-C-QFN32 Datasheet
2Mb / 169P
   EFM32 Happy Gecko Family
Rev. 2.40
More results

Similar Description - EFM32HG310

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG232 SILABS-EFM32LG232 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32TG840 SILABS-EFM32TG840 Datasheet
2Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG280 SILABS-EFM32WG280 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32WG290 SILABS-EFM32WG290 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32ZG222 SILABS-EFM32ZG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32LG880 SILABS-EFM32LG880 Datasheet
2Mb / 85P
   Output state retention and wake-up from Shutoff Mode
EFM32GG942 SILABS-EFM32GG942 Datasheet
1Mb / 74P
   Output state retention and wake-up from Shutoff Mode
EFM32HG222 SILABS-EFM32HG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG330 SILABS-EFM32WG330 Datasheet
1Mb / 76P
   Output state retention and wake-up from Shutoff Mode
EFM32LG360 SILABS-EFM32LG360 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32HG210 SILABS-EFM32HG210 Datasheet
1Mb / 69P
   Output state retention and wake-up from Shutoff Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com