Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32HG310 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # EFM32HG310
Description  Output state retention and wake-up from Shutoff Mode
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32HG310 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button EFM32HG310 Datasheet HTML 3Page - Silicon Laboratories EFM32HG310 Datasheet HTML 4Page - Silicon Laboratories EFM32HG310 Datasheet HTML 5Page - Silicon Laboratories EFM32HG310 Datasheet HTML 6Page - Silicon Laboratories EFM32HG310 Datasheet HTML 7Page - Silicon Laboratories EFM32HG310 Datasheet HTML 8Page - Silicon Laboratories EFM32HG310 Datasheet HTML 9Page - Silicon Laboratories EFM32HG310 Datasheet HTML 10Page - Silicon Laboratories EFM32HG310 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2015-05-06 - EFM32HG310FXX - _Rev0.91
7
www.silabs.com
Module
Configuration
Pin Connections
LEUART0
Full configuration
LEU0_TX, LEU0_RX
TIMER0
Full configuration with DTI
TIM0_CC[2:0], TIM0_CDTI[2:0]
TIMER1
Full configuration
TIM1_CC[2:0]
TIMER2
Full configuration
TIM2_CC[2:0]
RTC
Full configuration
NA
PCNT0
Full configuration, 16-bit count register
PCNT0_S[1:0]
ACMP0
Full configuration
ACMP0_CH[1:0], ACMP0_O
VCMP
Full configuration
NA
ADC0
Full configuration
ADC0_CH[7:5]
IDAC0
Full configuration
IDAC0_OUT
AES
Full configuration
NA
GPIO
22 pins
Available pins are shown in
Table 4.3 (p. 56)
2.3 Memory Map
The EFM32HG310 memory map is shown in Figure 2.2 (p. 7) , with RAM and Flash sizes for the
largest memory configuration.
Figure 2.2. EFM32HG310 Memory Map with largest RAM and Flash sizes


Similar Part No. - EFM32HG310

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32HG310F32G-C-QFN32 SILABS-EFM32HG310F32G-C-QFN32 Datasheet
2Mb / 169P
   EFM32 Happy Gecko Family
Rev. 2.40
EFM32HG310F32N-C-QFN32 SILABS-EFM32HG310F32N-C-QFN32 Datasheet
2Mb / 169P
   EFM32 Happy Gecko Family
Rev. 2.40
EFM32HG310F64G-C-QFN32 SILABS-EFM32HG310F64G-C-QFN32 Datasheet
2Mb / 169P
   EFM32 Happy Gecko Family
Rev. 2.40
EFM32HG310F64N-C-QFN32 SILABS-EFM32HG310F64N-C-QFN32 Datasheet
2Mb / 169P
   EFM32 Happy Gecko Family
Rev. 2.40
More results

Similar Description - EFM32HG310

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG232 SILABS-EFM32LG232 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32TG840 SILABS-EFM32TG840 Datasheet
2Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG280 SILABS-EFM32WG280 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32WG290 SILABS-EFM32WG290 Datasheet
2Mb / 82P
   Output state retention and wake-up from Shutoff Mode
EFM32ZG222 SILABS-EFM32ZG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32LG880 SILABS-EFM32LG880 Datasheet
2Mb / 85P
   Output state retention and wake-up from Shutoff Mode
EFM32GG942 SILABS-EFM32GG942 Datasheet
1Mb / 74P
   Output state retention and wake-up from Shutoff Mode
EFM32HG222 SILABS-EFM32HG222 Datasheet
1Mb / 70P
   Output state retention and wake-up from Shutoff Mode
EFM32WG330 SILABS-EFM32WG330 Datasheet
1Mb / 76P
   Output state retention and wake-up from Shutoff Mode
EFM32LG360 SILABS-EFM32LG360 Datasheet
1Mb / 75P
   Output state retention and wake-up from Shutoff Mode
EFM32HG210 SILABS-EFM32HG210 Datasheet
1Mb / 69P
   Output state retention and wake-up from Shutoff Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com