Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC164CM Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # XC164CM
Description  16-bit Microcontroller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CM Datasheet(HTML) 1 Page - Infineon Technologies AG

  XC164CM Datasheet HTML 1Page - Infineon Technologies AG XC164CM Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Never
stop
think i ng.
The X C 16 4CM is a member of the enhanced 16-bit microcontroller
family XC166 which offers impressive DSP performance and advanced
interrupt handling combined with a powerful integrated peripheral set
and high performance and reliable on-chip Flash memory.
The XC164CM is more than just a 16-bit microcontroller. The huge
flexibility in combination with a small package makes it fit to any
industrial and automotive applications that require little board space
and low cost.
The XC166 family is the logic successor of Infineon’s successful
C166 family. The migration path from C166 to XC166 is supported by
the same basic architecture and instruction set, so a high level of
reuse can be achieved.
App l ic ation s
Automotive body & comfort
Automotive safety
Motor drive
Fea t u r es
Single cycle 16-bit CPU with 5-stage pipeline
1-cycle multiplication (16 x 16 bit), background division (32/16 bit),
1-cycle multiply-and-accumulate (MAC) instructions
Zero-cycle jump execution
Register-based design with multiple variable register banks
Fast context switch with two additional local register banks
16 Mbytes total linear address space for code and data
1024 Bytes on-chip SFR area (C166 family compatible)
16-priority-level interrupt system with up to 75 sources,
sample rate down to 50 ns
8-channel interrupt-driven single-cycle data transfer facilities via
peripheral event controller
Clock generation via on-chip PLL or via prescaler
www .infineon. c o m/microc ontro l l e rs
XC 1 6 4 C M
More Th an a 16-bit Microc ontrol ler
Mic r oc ontr o l l e r s
Product Brief
2 Kbytes on-chip dual-port RAM
2 Kbytes on-chip data SRAM
2 Kbytes on-chip program/data SRAM
64 Kbytes on-chip program memory
(eFlash with ECC)
14-channel A/D converter with programmable
resolution and conversion time down to 2.15 µs
One 16-channel general purpose
capture/compare units
Capture/compare unit for flexible PWM signal
generation (3/6 capture/compare channels and
1 compare channel)
Multi-functional general purpose timer unit
with 5 timers
Two synchronous/asynchronous serial
channels (USARTs)
Two high-speed synchronous serial channels
On-chip TwinCAN interface (Rev. 2.0B active)
with 32 MO and gateway functionality
On-chip real time clock
Enhanced power saving modes with flexible
power management
Programmable watchdog timer and
oscillator watchdog
Up to 47 general purpose I/O
On-chip bootstrap loader
Supported by a large range of
development tools
On-chip debug support via JTAG interface
64-pin PG-TQFP package, 0.5 mm (19.7 mil) pitch
Prelimin a r y


Similar Part No. - XC164CM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164CM INFINEON-XC164CM Datasheet
696Kb / 14P
   16-Bi t Single-Chip Microcontroller
2004-03 V1.0D3
XC164CM INFINEON-XC164CM Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC164CM-8FF INFINEON-XC164CM-8FF Datasheet
696Kb / 14P
   16-Bi t Single-Chip Microcontroller
2004-03 V1.0D3
XC164CM INFINEON-XC164CM_04 Datasheet
696Kb / 14P
   16-Bi t Single-Chip Microcontroller
2004-03 V1.0D3
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
   16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
More results

Similar Description - XC164CM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com