Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV431BIDBZRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV431BIDBZRG4
Description  Low-Voltage Adjustable Precision Shunt Regulator
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV431BIDBZRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLV431BIDBZRG4 Datasheet HTML 1Page - Texas Instruments TLV431BIDBZRG4 Datasheet HTML 2Page - Texas Instruments TLV431BIDBZRG4 Datasheet HTML 3Page - Texas Instruments TLV431BIDBZRG4 Datasheet HTML 4Page - Texas Instruments TLV431BIDBZRG4 Datasheet HTML 5Page - Texas Instruments TLV431BIDBZRG4 Datasheet HTML 6Page - Texas Instruments TLV431BIDBZRG4 Datasheet HTML 7Page - Texas Instruments TLV431BIDBZRG4 Datasheet HTML 8Page - Texas Instruments TLV431BIDBZRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
VREF
Input
V
I
O
K
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV431, TLV431A, TLV431B
SLVS139V – JULY 1996 – REVISED JANUARY 2015
TLV431x Low-Voltage Adjustable Precision Shunt Regulator
1 Features
2 Applications
1
Low-Voltage Operation, VREF = 1.24 V
Adjustable Voltage and Current Referencing
Adjustable Output Voltage, VO = VREF to 6 V
Secondary Side Regulation in Flyback SMPSs
Reference Voltage Tolerances at 25°C
Zener Replacement
Voltage Monitoring
0.5% for TLV431B
Comparator with Integrated Reference
1% for TLV431A
1.5% for TLV431
3 Description
Typical Temperature Drift
The TLV431 device is a low-voltage 3-terminal
4 mV (0°C to 70°C)
adjustable voltage reference with specified thermal
6 mV (–40°C to 85°C)
stability over applicable industrial and commercial
temperature ranges. Output voltage can be set to any
11 mV (–40°C to 125°C)
value between VREF (1.24 V) and 6 V with two
Low Operational Cathode Current, 80 µA Typ
external resistors (see Figure 20). These devices
0.25-
Ω Typical Output Impedance
operate from a lower voltage (1.24 V) than the widely
used TL431 and TL1431 shunt-regulator references.
Ultra-Small SC-70 Package Offers 40% Smaller
Footprint Than SOT-23-3
When used with an optocoupler, the TLV431 device
See TLVH431 and TLVH432 for:
is an ideal voltage reference in isolated feedback
circuits for 3-V to 3.3-V switching-mode power
Wider VKA (1.24 V to 18 V) and IK (80 mA)
supplies. These devices have a typical output
Additional SOT-89 Package
impedance of 0.25
Ω. Active output circuitry provides
Multiple Pinouts for SOT-23-3 and SOT-89
a very sharp turn-on characteristic, making them
Packages
excellent replacements for low-voltage Zener diodes
in many applications, including on-board regulation
On Products Compliant to MIL-PRF-38535,
and adjustable power supplies.
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Device Information(1)
Processing Does Not Necessarily Include Testing
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
of All Parameters.
SOT-23 (3)
2.90 mm x 1.30 mm
SOT-23 (5)
2.90 mm x 1.60 mm
TLV431x
SC70 (6)
2.00 mm x 1.25 mm
TO-92 (3)
4.30 mm × 4.30 mm
SOIC (8)
4.90 mm x 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV431BIDBZRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431BIDBZRG4 TI-TLV431BIDBZRG4 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431BIDBZRG4 TI-TLV431BIDBZRG4 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431BIDBZRG4 TI-TLV431BIDBZRG4 Datasheet
985Kb / 36P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431BIDBZRG4 TI-TLV431BIDBZRG4 Datasheet
1,013Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431BIDBZRG4 TI-TLV431BIDBZRG4 Datasheet
1,015Kb / 39P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TLV431BIDBZRG4

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com