Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6138A2PW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6138A2PW
Description  DirectPath Headphone Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6138A2PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA6138A2PW Datasheet HTML 2Page - Texas Instruments TPA6138A2PW Datasheet HTML 3Page - Texas Instruments TPA6138A2PW Datasheet HTML 4Page - Texas Instruments TPA6138A2PW Datasheet HTML 5Page - Texas Instruments TPA6138A2PW Datasheet HTML 6Page - Texas Instruments TPA6138A2PW Datasheet HTML 7Page - Texas Instruments TPA6138A2PW Datasheet HTML 8Page - Texas Instruments TPA6138A2PW Datasheet HTML 9Page - Texas Instruments TPA6138A2PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
20
50
100 200
500
1k
2k
5k
10k 20k
f – Frequency – Hz
20
50 100 200
500 1k
2k
5k
10k 20k
f - Frequency - Hz
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
32 W
16 W
1
5
0.1
0.05
0.01
0.005
0.001
20
50 100 200
500 1k
2k
5k
10k 20k
f - Frequency - Hz
10 mW
Gain = 2 V/V,
Active Filter
20 mW
1
5
0.1
0.05
0.01
0.005
0.001
20
50 100 200
500 1k
2k
5k
10k 20k
f – Frequency – Hz
10 mW
Gain = 2 V/V,
Active Filter
20 mW
1
5
0.1
0.05
0.01
0.005
0.001
1m
5m
10m
20m
50m
P
– Output Power – W
O
2m
10 kHz
1 kHz
100 Hz
Gain = 2 V/V,
Active Filter
1
5
0.1
0.05
0.01
0.005
0.001
1m
5m
10m
20m
50m
P
– Output Power – W
O
2m
Gain = 2 V/V,
Active Filter
10 kHz
1 kHz
100 Hz
TPA6138A2
SLOS704B – JANUARY 2011 – REVISED AUGUST 2015
www.ti.com
7.7 Typical Characteristics
VDD = 3.3 V , TA = 25°C, C(PUMP) = C(VSS) = 1 μF , CIN = 2.2 μF, RIN = 15 kΩ, Rfb = 30 kΩ, ROUT = 10 Ω, COUT = 1 nF
(unless otherwise noted)
VDD = 3.3 V,
RL = 32 Ω
VDD = 3.3 V,
RL = 16 Ω
Figure 1. Total Harmonic Distortion and Noise
Figure 2. Total Harmonic Distortion and Noise
vs Output Power
vs Output Voltage
VDD = 3.3 V,
RL = 32 Ω
VDD = 3.3 V
RL = 16 Ω
Figure 3. Total Harmonic Distortion and Noise vs Frequency
Figure 4. Total Harmonic Distortion and Noise vs Frequency
Gain = 6dB
Vripple = 200 mVpp
Figure 6. Supply Rejection Ratio vs Frequency
Figure 5. Crosstalk vs Frequency
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPA6138A2


Similar Part No. - TPA6138A2PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6138A2PW TI-TPA6138A2PW Datasheet
3Mb / 16P
[Old version datasheet]   evaluation of the features of the TAS5548 PWM digital audio processor.
TPA6138A2PW TI1-TPA6138A2PW Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
[Old version datasheet]   DirectPath??Headphone Driver With Adjustable Gain
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
More results

Similar Description - TPA6138A2PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6138A2 TI1-TPA6138A2_17 Datasheet
918Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver With Adjustable Gain
TPA4411 TI-TPA4411_07 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
[Old version datasheet]   DirectPath??Headphone Driver With Adjustable Gain
TPA6138A2 TI-TPA6138A2_15 Datasheet
654Kb / 22P
[Old version datasheet]   TPA6138A2 DirectPath??Headphone Driver With Adjustable Gain
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
TPA6141A2YFFR TI1-TPA6141A2YFFR Datasheet
970Kb / 23P
[Old version datasheet]   CLASS-G DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6141A2 TI-TPA6141A2 Datasheet
448Kb / 18P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com