Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6132A2 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6132A2
Description  Stereo Headphone Amplifier With Pop Suppression
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6132A2 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA6132A2 Datasheet HTML 4Page - Texas Instruments TPA6132A2 Datasheet HTML 5Page - Texas Instruments TPA6132A2 Datasheet HTML 6Page - Texas Instruments TPA6132A2 Datasheet HTML 7Page - Texas Instruments TPA6132A2 Datasheet HTML 8Page - Texas Instruments TPA6132A2 Datasheet HTML 9Page - Texas Instruments TPA6132A2 Datasheet HTML 10Page - Texas Instruments TPA6132A2 Datasheet HTML 11Page - Texas Instruments TPA6132A2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1
10
100
0.001
0.01
0.1
1
10
50
P -TotalOutputPower-mW
O
V
=2.5V
DD
R =32
,
f=1kHz
L
W
V
=3.6V
DD
V
=5V
DD
V
=3V
DD
0.001
0.01
0.1
1
10
50
P -TotalOutputPower-mW
O
1
10
100
V
=3.6V
DD
V
=5V
DD
V
=3V
DD
V
=2.5V
DD
R =16
,
f=1kHz
L
W
0
1
2
3
4
5
6
7
8
9
10
2.5
3
3.5
4
4.5
5
5.5
V
-SupplyVoltage-V
DD
EN=1.3V,
NoLoad
-110
-90
-70
-50
-30
-10
20
100
1k
10k
20k
f-Frequency-Hz
V
=2.5V
DD
V
=3.6V
DD
V
=5V
DD
R
=32
L
W
V
=2.5V
DD
V
=3.6V
DD
V
=5V
DD
20
100
1k
10k
20k
f-Frequency-Hz
R
=16
L
W
-110
-90
-70
-50
-30
-10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.5
3
3.5
4
4.5
5
5.5
V
-SupplyVoltage-V
DD
Load=16 W
Load=32 W
Load=600 W
f=1kHz,
THD+N=1%
TPA6132A2
SLOS597A – DECEMBER 2008 – REVISED OCTOBER 2014
www.ti.com
Typical Characteristics (continued)
Figure 13. Output Voltage vs Supply Voltage
Figure 14. Supply Voltage Rejection Ratio vs Frequency
Figure 15. Supply Voltage Rejection Ratio vs Frequency
Figure 16. Quiescent Supply Current vs Supply Voltage
Figure 17. Supply Current vs Total Output Power
Figure 18. Supply Current vs Total Output Power
8
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TPA6132A2


Similar Part No. - TPA6132A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6132A2RTER TI-TPA6132A2RTER Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2RTER TI1-TPA6132A2RTER Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
More results

Similar Description - TPA6132A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
logo
STMicroelectronics
TS488 STMICROELECTRONICS-TS488 Datasheet
561Kb / 32P
   Pop-free 120mW stereo headphone amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com