Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6130A2RTJR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6130A2RTJR
Description  Stereo Headphone Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6130A2RTJR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA6130A2RTJR Datasheet HTML 3Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 4Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 5Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 6Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 7Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 8Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 9Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 10Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
SCL
SDA
th2
t(buf)
tsu2
tsu3
StartCondition
StopCondition
SCL
SDA
tw(H)
tw(L)
tsu1
th1
TPA6130A2
www.ti.com
SLOS488F – NOVEMBER 2006 – REVISED MARCH 2015
7.7 Timing Requirements
(1) (2)
For I
2C Interface Signals Over Recommended Operating Conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCL
Frequency, SCL
No wait states
400
kHz
tw(H)
Pulse duration, SCL high
0.6
μs
tw(L)
Pulse duration, SCL low
1.3
μs
tsu1
Setup time, SDA to SCL
300
ns
th1
Hold time, SCL to SDA
10
ns
t(buf)
Bus free time between stop and start condition
1.3
μs
tsu2
Setup time, SCL to start condition
0.6
μs
th2
Hold time, start condition to SCL
0.6
μs
tsu3
Setup time, SCL to stop condition
0.6
μs
(1)
VPull-up = VDD
(2)
A pull-up resistor
≤2 kΩ is required for a 5 V I2C bus voltage.
Figure 1. SCL and SDA Timing
Figure 2. Start and Stop Conditions Timing
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPA6130A2


Similar Part No. - TPA6130A2RTJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2RTJR TI-TPA6130A2RTJR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJR TI-TPA6130A2RTJR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJR TI-TPA6130A2RTJR Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
ATMEL Corporation
TPA6130A2RTJR ATMEL-TPA6130A2RTJR Datasheet
137Kb / 4P
   AVR32 EVK1104 Evaluation Kit
logo
Texas Instruments
TPA6130A2RTJR TI1-TPA6130A2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

Similar Description - TPA6130A2RTJR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com