Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32GG890 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # EFM32GG890
Description  Read-while-write support
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG890 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button EFM32GG890 Datasheet HTML 4Page - Silicon Laboratories EFM32GG890 Datasheet HTML 5Page - Silicon Laboratories EFM32GG890 Datasheet HTML 6Page - Silicon Laboratories EFM32GG890 Datasheet HTML 7Page - Silicon Laboratories EFM32GG890 Datasheet HTML 8Page - Silicon Laboratories EFM32GG890 Datasheet HTML 9Page - Silicon Laboratories EFM32GG890 Datasheet HTML 10Page - Silicon Laboratories EFM32GG890 Datasheet HTML 11Page - Silicon Laboratories EFM32GG890 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
...the world's most energy friendly microcontrollers
2014-05-23 - EFM32GG890FXX - d0043_Rev1.30
8
www.silabs.com
Module
Configuration
Pin Connections
EBI
Full configuration
EBI_A[27:0], EBI_AD[15:0], EBI_ARDY,
EBI_ALE, EBI_BL[1:0], EBI_CS[3:0],
EBI_CSTFT, EBI_DCLK, EBI_DTEN,
EBI_HSNC, EBI_NANDREn,
EBI_NANDWEn, EBI_REn, EBI_VSNC,
EBI_WEn
I2C0
Full configuration
I2C0_SDA, I2C0_SCL
I2C1
Full configuration
I2C1_SDA, I2C1_SCL
USART0
Full configuration with IrDA
US0_TX, US0_RX. US0_CLK, US0_CS
USART1
Full configuration with I2S
US1_TX, US1_RX, US1_CLK, US1_CS
USART2
Full configuration with I2S
US2_TX, US2_RX, US2_CLK, US2_CS
UART0
Full configuration
U0_TX, U0_RX
UART1
Full configuration
U1_TX, U1_RX
LEUART0
Full configuration
LEU0_TX, LEU0_RX
LEUART1
Full configuration
LEU1_TX, LEU1_RX
TIMER0
Full configuration with DTI
TIM0_CC[2:0], TIM0_CDTI[2:0]
TIMER1
Full configuration
TIM1_CC[2:0]
TIMER2
Full configuration
TIM2_CC[2:0]
TIMER3
Full configuration
TIM3_CC[2:0]
RTC
Full configuration
NA
BURTC
Full configuration
NA
LETIMER0
Full configuration
LET0_O[1:0]
PCNT0
Full configuration, 16-bit count register
PCNT0_S[1:0]
PCNT1
Full configuration, 8-bit count register
PCNT1_S[1:0]
PCNT2
Full configuration, 8-bit count register
PCNT2_S[1:0]
ACMP0
Full configuration
ACMP0_CH[7:0], ACMP0_O
ACMP1
Full configuration
ACMP1_CH[7:0], ACMP1_O
VCMP
Full configuration
NA
ADC0
Full configuration
ADC0_CH[7:0]
DAC0
Full configuration
DAC0_OUT[1:0], DAC0_OUTxALT
OPAMP
Full configuration
Outputs: OPAMP_OUTx,
OPAMP_OUTxALT, Inputs:
OPAMP_Px, OPAMP_Nx
AES
Full configuration
NA
GPIO
90 pins
Available pins are shown in
Table 4.3 (p. 65)
LCD
Full configuration
LCD_SEG[35:0], LCD_COM[7:0],
LCD_BCAP_P, LCD_BCAP_N,
LCD_BEXT


Similar Part No. - EFM32GG890

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG895 SILABS-EFM32GG895 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32GG895F1024-BGA120 SILABS-EFM32GG895F1024-BGA120 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32GG895F512-BGA120 SILABS-EFM32GG895F512-BGA120 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
More results

Similar Description - EFM32GG890

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG330 SILABS-EFM32GG330 Datasheet
1Mb / 71P
   Read-while-write support
EFM32GG332 SILABS-EFM32GG332 Datasheet
1Mb / 71P
   Read-while-write support
EFM32GG390 SILABS-EFM32GG390 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG395 SILABS-EFM32GG395 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG842 SILABS-EFM32GG842 Datasheet
1Mb / 74P
   Read-while-write support
EFM32GG295 SILABS-EFM32GG295 Datasheet
1Mb / 76P
   Read-while-write support
EFM32GG380 SILABS-EFM32GG380 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG840 SILABS-EFM32GG840 Datasheet
1Mb / 73P
   Read-while-write support
EFM32GG880 SILABS-EFM32GG880 Datasheet
2Mb / 81P
   Read-while-write support
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com