Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32GG840F512-QFN64 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # EFM32GG840F512-QFN64
Description  Read-while-write support
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG840F512-QFN64 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button EFM32GG840F512-QFN64 Datasheet HTML 6Page - Silicon Laboratories EFM32GG840F512-QFN64 Datasheet HTML 7Page - Silicon Laboratories EFM32GG840F512-QFN64 Datasheet HTML 8Page - Silicon Laboratories EFM32GG840F512-QFN64 Datasheet HTML 9Page - Silicon Laboratories EFM32GG840F512-QFN64 Datasheet HTML 10Page - Silicon Laboratories EFM32GG840F512-QFN64 Datasheet HTML 11Page - Silicon Laboratories EFM32GG840F512-QFN64 Datasheet HTML 12Page - Silicon Laboratories EFM32GG840F512-QFN64 Datasheet HTML 13Page - Silicon Laboratories EFM32GG840F512-QFN64 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
...the world's most energy friendly microcontrollers
2014-05-23 - EFM32GG840FXX - d0041_Rev1.30
10
www.silabs.com
3 Electrical Characteristics
3.1 Test Conditions
3.1.1 Typical Values
The typical data are based on TAMB=25°C and VDD=3.0 V, as defined in Table 3.2 (p. 10) , by simu-
lation and/or technology characterisation unless otherwise specified.
3.1.2 Minimum and Maximum Values
The minimum and maximum values represent the worst conditions of ambient temperature, supply volt-
age and frequencies, as defined in Table 3.2 (p. 10) , by simulation and/or technology characterisa-
tion unless otherwise specified.
3.2 Absolute Maximum Ratings
The absolute maximum ratings are stress ratings, and functional operation under such conditions are
not guaranteed. Stress beyond the limits specified in Table 3.1 (p. 10) may affect the device reliability
or cause permanent damage to the device. Functional operating conditions are given in Table 3.2 (p.
10) .
Table 3.1. Absolute Maximum Ratings
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TSTG
Storage tempera-
ture range
-40
150
1
°C
TS
Maximum soldering
temperature
Latest IPC/JEDEC J-STD-020
Standard
260
°C
VDDMAX
External main sup-
ply voltage
0
3.8
V
VIOPIN
Voltage on any I/O
pin
-0.3
VDD+0.3 V
1Based on programmed devices tested for 10000 hours at 150ºC. Storage temperature affects retention of preprogrammed cal-
ibration values stored in flash. Please refer to the Flash section in the Electrical Characteristics for information on flash data re-
tention for different temperatures.
3.3 General Operating Conditions
3.3.1 General Operating Conditions
Table 3.2. General Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
TAMB
Ambient temperature range
-40
85
°C
VDDOP
Operating supply voltage
1.98
3.8
V
fAPB
Internal APB clock frequency
48
MHz
fAHB
Internal AHB clock frequency
48
MHz


Similar Part No. - EFM32GG840F512-QFN64

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG842 SILABS-EFM32GG842 Datasheet
1Mb / 74P
   Read-while-write support
EFM32GG842F1024-QFP64 SILABS-EFM32GG842F1024-QFP64 Datasheet
1Mb / 74P
   Read-while-write support
EFM32GG842F512-QFP64 SILABS-EFM32GG842F512-QFP64 Datasheet
1Mb / 74P
   Read-while-write support
More results

Similar Description - EFM32GG840F512-QFN64

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG330 SILABS-EFM32GG330 Datasheet
1Mb / 71P
   Read-while-write support
EFM32GG332 SILABS-EFM32GG332 Datasheet
1Mb / 71P
   Read-while-write support
EFM32GG390 SILABS-EFM32GG390 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG395 SILABS-EFM32GG395 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG842 SILABS-EFM32GG842 Datasheet
1Mb / 74P
   Read-while-write support
EFM32GG890 SILABS-EFM32GG890 Datasheet
2Mb / 81P
   Read-while-write support
EFM32GG295 SILABS-EFM32GG295 Datasheet
1Mb / 76P
   Read-while-write support
EFM32GG380 SILABS-EFM32GG380 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG880 SILABS-EFM32GG880 Datasheet
2Mb / 81P
   Read-while-write support
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com