Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3131D2RHBR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3131D2RHBR
Description  25-W Filter-Free Class-D Stereo Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3131D2RHBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA3131D2RHBR Datasheet HTML 2Page - Texas Instruments TPA3131D2RHBR Datasheet HTML 3Page - Texas Instruments TPA3131D2RHBR Datasheet HTML 4Page - Texas Instruments TPA3131D2RHBR Datasheet HTML 5Page - Texas Instruments TPA3131D2RHBR Datasheet HTML 6Page - Texas Instruments TPA3131D2RHBR Datasheet HTML 7Page - Texas Instruments TPA3131D2RHBR Datasheet HTML 8Page - Texas Instruments TPA3131D2RHBR Datasheet HTML 9Page - Texas Instruments TPA3131D2RHBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
TPA3131D2, TPA3132D2
SLOS841B – SEPTEMBER 2013 – REVISED JANUARY 2015
www.ti.com
6.5 DC Electrical Characteristics
TA = 25°C, AVCC = PVCC = 7.4 V to 26 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Class-D output offset voltage (measured
| VOS |
VI = 0 V, Gain = 36 dB
1.5
15
mV
differentially)
SDZ = 2 V, No load or filter, PVCC = 7.4 V
16
(TPA3131D2)
ICC
Quiescent supply current
mA
SDZ = 2 V, No load or filter, PVCC = 19 V
27
(TPA3132D2)
Quiescent supply current in shutdown
ICC(SD)
SDZ = 0.8 V, No load or filter
<50
µA
mode
Drain-source on-state resistance,
rDS(on)
PVCC = 7.4V to 19V V, Iout = 500 mA, TJ = 25°C
120
m
Ω
measured pin to pin
R1 = 5.6 k
Ω, R2 = Open
19
20
21
dB
R1 = 20 k
Ω, R2 = 100 kΩ
25
26
27
G
Gain (MSTR)
R1 = 39 k
Ω, R2 = 100 kΩ
31
32
33
dB
R1 = 47 k
Ω, R2 = 75 kΩ
35
36
37
R1 = 51 k
Ω, R2 = 51 kΩ
19
20
21
dB
R1 = 75 k
Ω, R2 = 47 kΩ
25
26
27
G
Gain (SLV)
R1 = 100 k
Ω, R2 = 39 kΩ
31
32
33
dB
R1 = 100 k
Ω, R2 = 16 kΩ
35
36
37
ton
Turn-on time
SDZ = 2 V
10
ms
tOFF
Turn-off time
SDZ = 0.8 V
2
µs
GVDD
Gate drive supply
IGVDD < 200 µA
6.4
6.9
7.4
V
Output voltage maximum under PLIMIT
VO
V(PLIMIT) = 2 V; VI = 1 Vrms
6.75
7.90
8.75
V
control
6.6 AC Electrical Characteristics
TA = 25°C, AVCC = PVCC = 7.4 V to 24 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
200 mVPP ripple at 1 kHz, Gain = 20 dB, Inputs AC-
KSVR
Power supply ripple rejection
–70
dB
coupled to GND
RL = 8 Ω, THD+N = 10%, f = 1 kHz, PVCC = 7.4 V
4
(TPA3131D2)
RL = 4 Ω, THD+N = 10%, f = 1 kHz, PVCC = 7.4 V
7.3
(TPA3131D2)
PO
Continuous output power
W
RL = 8 Ω, THD+N = 10%, f = 1 kHz, PVCC = 19V
25
(TPA3132D2)
RL = 4 Ω, THD+N = 10%, f = 1 kHz, PVCC = 19V
42
(TPA3132D2)
RL = 8 Ω, f = 1 kHz, PO = 0.1W to 2 W (TPA3132D2)
THD+N
Total harmonic distortion + noise
0.1%
RL = 8 Ω, f = 1 kHz, PO = 0.1W to 12.5 W (TPA3131D2)
70
µV
Vn
Output integrated noise
20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB
–80
dBV
Crosstalk
VO = 1 Vrms, Gain = 20 dB, f = 1 kHz
–100
dB
Maximum output at THD+N < 1%, f = 1 kHz, Gain = 20 dB,
98
A-weighted (TPA3131D2, PVCC = 7.4V)
SNR
Signal-to-noise ratio
dB
Maximum output at THD+N < 1%, f = 1 kHz, Gain = 20 dB,
105
A-weighted (TPA3131D2, PVCC = 19V)
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPA3131D2 TPA3132D2


Similar Part No. - TPA3131D2RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
More results

Similar Description - TPA3131D2RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com