Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32GG332F512-QFP64 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # EFM32GG332F512-QFP64
Description  Read-while-write support
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32GG332F512-QFP64 Datasheet(HTML) 5 Page - Silicon Laboratories

  EFM32GG332F512-QFP64 Datasheet HTML 1Page - Silicon Laboratories EFM32GG332F512-QFP64 Datasheet HTML 2Page - Silicon Laboratories EFM32GG332F512-QFP64 Datasheet HTML 3Page - Silicon Laboratories EFM32GG332F512-QFP64 Datasheet HTML 4Page - Silicon Laboratories EFM32GG332F512-QFP64 Datasheet HTML 5Page - Silicon Laboratories EFM32GG332F512-QFP64 Datasheet HTML 6Page - Silicon Laboratories EFM32GG332F512-QFP64 Datasheet HTML 7Page - Silicon Laboratories EFM32GG332F512-QFP64 Datasheet HTML 8Page - Silicon Laboratories EFM32GG332F512-QFP64 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
...the world's most energy friendly microcontrollers
2014-05-23 - EFM32GG332FXX - d0126_Rev1.30
5
www.silabs.com
mode plus speeds are supported, allowing transmission rates all the way from 10 kbit/s up to 1 Mbit/s.
Slave arbitration and timeouts are also provided to allow implementation of an SMBus compliant system.
The interface provided to software by the I
2C module, allows both fine-grained control of the transmission
process and close to automatic transfers. Automatic recognition of slave addresses is provided in all
energy modes.
2.1.12 Universal Synchronous/Asynchronous Receiver/Transmitter (US-
ART)
The Universal Synchronous Asynchronous serial Receiver and Transmitter (USART) is a very flexible
serial I/O module. It supports full duplex asynchronous UART communication as well as RS-485, SPI,
MicroWire and 3-wire. It can also interface with ISO7816 SmartCards, IrDA and I2S devices.
2.1.13 Pre-Programmed USB/UART Bootloader
The bootloader presented in application note AN0042 is pre-programmed in the device at factory. The
bootloader enables users to program the EFM32 through a UART or a USB CDC class virtual UART
without the need for a debugger. The autobaud feature, interface and commands are described further
in the application note.
2.1.14 Low Energy Universal Asynchronous Receiver/Transmitter
(LEUART)
The unique LEUART
TM, the Low Energy UART, is a UART that allows two-way UART communication on
a strict power budget. Only a 32.768 kHz clock is needed to allow UART communication up to 9600 baud/
s. The LEUART includes all necessary hardware support to make asynchronous serial communication
possible with minimum of software intervention and energy consumption.
2.1.15 Timer/Counter (TIMER)
The 16-bit general purpose Timer has 3 compare/capture channels for input capture and compare/Pulse-
Width Modulation (PWM) output. TIMER0 also includes a Dead-Time Insertion module suitable for motor
control applications.
2.1.16 Real Time Counter (RTC)
The Real Time Counter (RTC) contains a 24-bit counter and is clocked either by a 32.768 kHz crystal
oscillator, or a 32.768 kHz RC oscillator. In addition to energy modes EM0 and EM1, the RTC is also
available in EM2. This makes it ideal for keeping track of time since the RTC is enabled in EM2 where
most of the device is powered down.
2.1.17 Backup Real Time Counter (BURTC)
The Backup Real Time Counter (BURTC) contains a 32-bit counter and is clocked either by a 32.768 kHz
crystal oscillator, a 32.768 kHz RC oscillator or a 1 kHz ULFRCO. The BURTC is available in all Energy
Modes and it can also run in backup mode, making it operational even if the main power should drain out.
2.1.18 Low Energy Timer (LETIMER)
The unique LETIMER
TM, the Low Energy Timer, is a 16-bit timer that is available in energy mode EM2
in addition to EM1 and EM0. Because of this, it can be used for timing and output generation when most
of the device is powered down, allowing simple tasks to be performed while the power consumption of
the system is kept at an absolute minimum. The LETIMER can be used to output a variety of waveforms
with minimal software intervention. It is also connected to the Real Time Counter (RTC), and can be
configured to start counting on compare matches from the RTC.


Similar Part No. - EFM32GG332F512-QFP64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32GG332F512 ETC2-EFM32GG332F512 Datasheet
1Mb / 67P
   High Performance 32-bit processor @ up to 48 MHz
More results

Similar Description - EFM32GG332F512-QFP64

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32GG330 SILABS-EFM32GG330 Datasheet
1Mb / 71P
   Read-while-write support
EFM32GG390 SILABS-EFM32GG390 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG395 SILABS-EFM32GG395 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG842 SILABS-EFM32GG842 Datasheet
1Mb / 74P
   Read-while-write support
EFM32GG890 SILABS-EFM32GG890 Datasheet
2Mb / 81P
   Read-while-write support
EFM32GG295 SILABS-EFM32GG295 Datasheet
1Mb / 76P
   Read-while-write support
EFM32GG380 SILABS-EFM32GG380 Datasheet
2Mb / 78P
   Read-while-write support
EFM32GG840 SILABS-EFM32GG840 Datasheet
1Mb / 73P
   Read-while-write support
EFM32GG880 SILABS-EFM32GG880 Datasheet
2Mb / 81P
   Read-while-write support
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com