Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP103HYFFT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP103HYFFT
Description  Low-Power, Digital Temperature Sensor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP103HYFFT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP103HYFFT Datasheet HTML 6Page - Texas Instruments TMP103HYFFT Datasheet HTML 7Page - Texas Instruments TMP103HYFFT Datasheet HTML 8Page - Texas Instruments TMP103HYFFT Datasheet HTML 9Page - Texas Instruments TMP103HYFFT Datasheet HTML 10Page - Texas Instruments TMP103HYFFT Datasheet HTML 11Page - Texas Instruments TMP103HYFFT Datasheet HTML 12Page - Texas Instruments TMP103HYFFT Datasheet HTML 13Page - Texas Instruments TMP103HYFFT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
TMP103
SCL
V+
SDA
GND
Diode Temp.
Sensor
Control Logic
A/D
Converter
Serial
Interface
Oscillator
Registers
Temperature
TMP103
0.01mF
V+
GND
2
5
1
SCL
6
SDA
To
Two-Wire
Controller
TMP103
SBOS545B – FEBRUARY 2011 – REVISED JANUARY 2016
www.ti.com
7 Detailed Description
7.1 Overview
The TMP103 is a digital output temperature sensor in a wafer chip-scale package (WCSP) that is optimal for
thermal management and thermal profiling. The TMP103 includes a two-wire interface that is compatible with
both I2C and SMBus interfaces. In addition, the TMP103 has the capability of executing multiple device access
(MDA) commands that allow multiple TMP103 devices to respond to a single global bus command. MDA
commands reduce communication time and power in a bus that contains multiple TMP103 devices. The TMP103
is specified over a temperature range of –40ºC to 125 ºC.
The TMP103 serial interface is designed to support up to eight TMP103 devices on a single bus. The TMP103 is
offered with eight internal interface addresses. Each unique address option can be used as a location or
temperature zone designator. The TMP103 responds to standard I2C and SMBus slave protocols that allow the
internal registers to be written to or read from on an individual basis. The TMP103 also responds to MDA
commands that allow all the devices on the bus to be written to or read from, without having to send the
individual address and commands to each device.
Pullup resistors are required on SCL and SDA. TI also recommends a 0.01-
μF bypass capacitor, as shown in
Figure 11.
NOTE: SCL and SDA pins require pullup resistors.
Figure 11. Typical Connections
The temperature sensor in the TMP103 is the chip itself. Thermal paths run through the package bumps as well
as the package. The lower thermal resistance of metal causes the bumps to provide the primary thermal path.
To maintain accuracy in applications that require air or surface temperature measurement, take care to isolate
the package from ambient air temperature.
7.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: TMP103


Similar Part No. - TMP103HYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP103HYFFT TI-TMP103HYFFT Datasheet
472Kb / 23P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
More results

Similar Description - TMP103HYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102-Q1 TI1-TMP102-Q1 Datasheet
921Kb / 29P
[Old version datasheet]   Low-Power Digital Temperature Sensor
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
ON Semiconductor
N34TS108 ONSEMI-N34TS108 Datasheet
326Kb / 16P
   Low?륷oltage Digital Temperature Sensor
February, 2020 ??Rev. 1
logo
Texas Instruments
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
[Old version datasheet]   HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
[Old version datasheet]   HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
[Old version datasheet]   HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com